Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TPB150MC Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 6TPB150MC
Description  standard products corresponding to the diversification of the needs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

6TPB150MC Datasheet(HTML) 2 Page - Sanyo Semicon Device

  6TPB150MC Datasheet HTML 1Page - Sanyo Semicon Device 6TPB150MC Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RoHS compliance
Solid Electrolytic Capacitors with Polymerized Organic Semiconductor
21
Characteristics List
*
1 100k to 500kHz,45°C
Size
code
SANYO
Part number
Rated
Voltage
(V)
Rated
Capacitance
(µF)
D.F.
(%max.)
L.C.
(µA)
max./5min.
E.S.R.
(m
Ωmax.)
100kHz/20°C
Maximum
allowable
ripple current
(mArms)
100kHz
*
1
C
10TPB68MC
10TPB47MC
8TPB82MC
6TPB150MC
6TPB100MC
4TPB220MC
4TPB150MC
2R5TPB220MC
10.0
10.0
8.0
6.3
6.3
4.0
4.0
2.5
10.0
10.0
10.0
6.3
6.3
6.3
4.0
4.0
4.0
2.5
2.5
2.5
10.0
6.3
4.0
2.5
10.0
10.0
6.3
6.3
4.0
4.0
2.5
2.5
68
47
82
150
100
220
150
220
220
150
100
330
220
150
470
330
220
680
470
330
100
150
220
330
330
220
470
330
680
470
1000
680
8.0
8.0
8.0
8.0
8.0
8.0
8.0
8.0
10.0
10.0
8.0
10.0
10.0
8.0
10.0
10.0
8.0
10.0
10.0
8.0
8.0
8.0
8.0
8.0
10.0
10.0
15.0
10.0
15.0
10.0
15.0
10.0
68.0
47.0
65.6
94.5
63.0
88.0
60.0
55.0
220.0
150.0
100.0
207.9
138.6
94.5
188.0
132.0
88.0
170.0
117.5
82.5
100.0
94.5
88.0
82.5
330.0
220.0
296.1
207.9
272.0
188.0
250.0
170.0
55
55
45
45
45
45
45
45
40
40
55
40
40
55
40
40
55
40
40
55
55
55
65
65
35
40
35
40
35
40
30
40
1500
1500
1700
1700
1700
1700
1700
1700
2000
2000
1900
2000
2000
1900
2000
2000
1900
2000
2000
1900
32a
1900
1900
1500
1500
3000
3000
3000
3000
3000
3000
3000
3000
10TPB220ML
10TPB150ML
10TPB100ML
6TPB330ML
6TPB220ML
6TPB150ML
4TPB470ML
4TPB330ML
4TPB220ML
2R5TPB680ML
2R5TPB470ML
2R5TPB330ML
10TPB100M
6TPB150M
4TPB220M
2R5TPB330M
10TPB330M
10TPB220M
6TPB470M
6TPB330M
4TPB680M
4TPB470M
2R5TPB1000M
2R5TPB680M
D3L
D3
D4
Rated
Temperature
(°C)
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
105
Reflow
Temp.
≤ 260°C
MSL
Reflow
Temp.
≤ 250°C
T
P
B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com