Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9943 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9943
Description  Complete 10-Bit and 12-Bit, 25 MHz CCD Signal Processors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9943 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9943 Datasheet HTML 9Page - Analog Devices AD9943 Datasheet HTML 10Page - Analog Devices AD9943 Datasheet HTML 11Page - Analog Devices AD9943 Datasheet HTML 12Page - Analog Devices AD9943 Datasheet HTML 13Page - Analog Devices AD9943 Datasheet HTML 14Page - Analog Devices AD9943 Datasheet HTML 15Page - Analog Devices AD9943 Datasheet HTML 16Page - Analog Devices AD9943 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD9943/AD9944
Rev. B | Page 13 of 20
INTERNAL REGISTER MAP
All register values default to 0x000 at power-up except clamp level, which defaults to 128 decimal (AD9943 = 32 LSB clamp level, and
AD9944 = 128 LSB clamp level).
Table 9.
Address Bits
Register Name
A2
A1
A0
Data Bits
Function
Operation
0
0
0
D0
Software Reset (0 = normal operation, 1 = reset all registers to default).
D2, D1
Power-Down Modes (00 = normal power, 01 = standby, 10 = total shutdown).
D3
OB Clamp Disable (0 = clamp on, 1 = clamp off).
D5, D4
Test Mode. Should always be set to 00.
D6
PBLK Blanking Level (0 = blank output to zero, 1 = blank to ob clamp level).
D8, D7
Test Mode 1. Should always be set to 00.
D11 to D9
Test Mode 2. Should always be set to 000.
Control
0
0
1
D0
SHP/SHD Input Polarity (0 = active low, 1 = active high).
D1
DATACLK Input Polarity (0 = active low, 1 = active high).
D2
CLPOB Input Polarity (0 = active low, 1 = active high).
D3
PBLK Input Polarity (0 = active low, 1 = active high).
D4
Three-State Data Outputs (0 = outputs active, 1 = outputs three-stated).
D5
Data Output Latching (0 = latched by DATACLK, 1 = latch is transparent).
D6
Data Output Coding (0 = binary output, 1 = gray code output).
D11 to D7
Test Mode. Should always be set to 00000.
Clamp Level
0
1
0
D7 to D0
OB Clamp Level (AD9943: 0 = 0 LSB, 255 = 63.75 LSB,
AD9944: 0 = 0 LSB, 255 = 255 LSB).
VGA Gain
0
1
1
D9 to D0
VGA Gain (0 = 6 dB, 1023 = 40 dB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com