Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPDV825RG Datasheet(PDF) 6 Page - STMicroelectronics

Part # TPDV825RG
Description  25 A high voltage Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPDV825RG Datasheet(HTML) 6 Page - STMicroelectronics

  TPDV825RG Datasheet HTML 1Page - STMicroelectronics TPDV825RG Datasheet HTML 2Page - STMicroelectronics TPDV825RG Datasheet HTML 3Page - STMicroelectronics TPDV825RG Datasheet HTML 4Page - STMicroelectronics TPDV825RG Datasheet HTML 5Page - STMicroelectronics TPDV825RG Datasheet HTML 6Page - STMicroelectronics TPDV825RG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
TPDVxx25
6/7
Doc ID 18268 Rev 2
3
Ordering information
4
Revision history
Table 7.
Ordering information
Order code
Marking
Package
Weight
Base qty Delivery mode
TPDV825RG
TPDV825
TOP3
insulated
4.5 g
30
Tube
TPDV1025RG
TPDV1025
TPDV1225RG
TPDV1225
Table 8.
Document revision history
Date
Revision
Changes
30-Mar-2011
1
First issue.
13-Jan-2012
2
Updated dI/dt in Table 2 and added Vto and Rd to Table 3.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com