Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2150 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP2150
Description  IrDA짰 Standard Protocol Stack Controller Supporting DTE Applications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2150 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP2150_13 Datasheet HTML 9Page - Microchip Technology MCP2150_13 Datasheet HTML 10Page - Microchip Technology MCP2150_13 Datasheet HTML 11Page - Microchip Technology MCP2150_13 Datasheet HTML 12Page - Microchip Technology MCP2150_13 Datasheet HTML 13Page - Microchip Technology MCP2150_13 Datasheet HTML 14Page - Microchip Technology MCP2150_13 Datasheet HTML 15Page - Microchip Technology MCP2150_13 Datasheet HTML 16Page - Microchip Technology MCP2150_13 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
 2001-2012 Microchip Technology Inc.
Preliminary
DS21655C-page 13
MCP2150
2.9.1.3
IrLMP
The MCP2150 implements the IrLMP protocol. The
IrLMP protocol provides:
• Multiplexing of the IrLAP layer. This allows multi-
ple channels above an IrLAP connection.
• Protocol and service discovery. This is via the
Information Access Service (IAS).
When two devices that contain the IrDA standard fea-
ture are connected, there is generally one device that
has something to do and the other device that has the
resource to do it. For example, a laptop may have a job
to print and an IrDA standard compatible printer has the
resources to print it. In IrDA standard terminology, the
laptop is a Primary device and the printer is the Sec-
ondary device. When these two devices connect, the
Primary device must determine the capablities of the
Secondary device to determine if the Secondary device
is capable of doing the job. This determination is made
by the Primary device asking the Secondary device a
series of questions. Depending on the answers to
these questions, the Primary device may or may not
elect to connect to the Secondary device.
The queries from the Primary device are carried to the
Secondary device using IrLMP. The responses to these
queries can be found in the Information Access Service
(IAS) of the Secondary device. The IAS is a list of the
resources of the Secondary device. The Primary
device compares the IAS responses with its require-
ments and then makes the decision if a connection
should be made.
The MCP2150 identifies itself to the Primary device as
a modem.
The MCP2150 is not a modem, and the non-data cir-
cuits are not handled in a modem fashion.
2.9.1.4
Link Management - Information
Access Service (LM-IAS)
The MCP2150 implements the LM-IAS. Each LM-IAS
entity maintains an information database to provide:
• Information on services for other devices that
contain the IrDA standard feature (Discovery).
• Information on services for the device itself.
• Remote accessing of another device’s information
base.
This is required so that clients on a remote device can
find configuration information needed to access a
service.
2.9.1.5
Tiny TP
Tiny TP provides the flow control on IrLMP connec-
tions. An optional service of Segmentation and
Reassembly can be handled.
2.9.1.6
IrCOMM
IrCOMM provides the method to support serial and par-
allel port emulation. This is useful for legacy COM
applications, such as printers and modem devices.
The IrCOMM standard is just a syntax that allows the
Primary device to consider the Secondary device as a
serial device. IrCOMM allows for emulation of serial or
parallel (printer) connections of various capabilities.
The MCP2150 supports the 9-wire “cooked” service
class of IrCOMM. Other service classes supported by
IrCOMM are shown in Figure 2-9.
FIGURE 2-9:
IRCOMM SERVICE CLASSES
Note:
The MCP2150 identifies itself as a modem
to ensure that it is identified as a serial
device with a limited amount of memory.
IrCOMM Services
Uncooked Services
Cooked Services
Parallel
Serial
IrLPT
3-wire Raw
Parallel
Centronics
IEEE 1284
Serial
3-wire Cooked
9-wire Cooked
Supported by MCP2150
21655C.book Page 13 Thursday, January 10, 2013 12:57 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com