Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPDV1225 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TPDV1225
Description  25 A high voltage Triacs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPDV1225 Datasheet(HTML) 2 Page - STMicroelectronics

  TPDV1225 Datasheet HTML 1Page - STMicroelectronics TPDV1225 Datasheet HTML 2Page - STMicroelectronics TPDV1225 Datasheet HTML 3Page - STMicroelectronics TPDV1225 Datasheet HTML 4Page - STMicroelectronics TPDV1225 Datasheet HTML 5Page - STMicroelectronics TPDV1225 Datasheet HTML 6Page - STMicroelectronics TPDV1225 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Characteristics
TPDVxx25
2/7
Doc ID 18268 Rev 2
1
Characteristics
Table 2.
Absolute maximum ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
On-state rms current (180° conduction angle)
Tc = 85 °C
25
A
ITSM
Non repetitive surge peak on-state
current
tp = 2.5 ms
Tj = 25 °C
390
A
tp = 8.3 ms
250
tp = 10 ms
230
I2tI2t value for fusing
tp = 10 ms
Tj = 25 °C
265
A2S
dI/dt
Critical rate of rise of on-state current
IG = 500 mA, dIG/dt = 1 A/µs
F = 50 Hz
100
A/µs
VDRM
VRRM
Repetitive peak off-state voltage
TPDV825
Tj = 125 °C
800
V
TPDV1025
1000
TPDV1225
1200
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
VINS(RMS)
(1)
Insulation rms voltage
2500
V
1.
A1, A2, gate terminals to case for 1 minute
Table 3.
Electrical Characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Quadrant
Value
Unit
IGT
VD = 12 V DC, RL = 33 Ω
I - II - III
MAX.
150
mA
VGT
MAX.
1.5
V
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 125 °C
I - II - III
MIN.
0.2
V
tgt
VD = VDRM IG = 500 mA dIG/dt = 3 A/µs
I - II - III
TYP.
2.5
µs
IH
(1)
IT = 500 mA Gate open
TYP.
50
mA
IL
IG = 1.2 x IGT
I - III
TYP.
100
mA
II
200
dV/dt
Linear slope up to: VD = 67% VDRM Gate open
Tj = 125 °C
MIN.
2000
V/µs
VTM
(1)
ITM = 35 A tp = 380 µs
MAX.
1.8
V
Vto
(1)
Threshold voltage
Tj = 125 °C
MAX.
1.1
V
Rd
(1)
Dynamic resistance
Tj = 125 °C
MAX.
19
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25 °C
MAX.
20
µA
Tj = 125 °C
8
mA
(dI/dt)c (1)
(dV/dt)c = 200 V/µs
Tj = 125 °C
MIN.
20
A/ms
(dV/dt)c = 10 V/µs
88
1.
For either polarity of electrode A2 voltage with reference to electrode A1.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com