Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP14700T-E/MF Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP14700T-E/MF
Description  Dual Input Synchronous MOSFET Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14700T-E/MF Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP14700T-E/MF Datasheet HTML 2Page - Microchip Technology MCP14700T-E/MF Datasheet HTML 3Page - Microchip Technology MCP14700T-E/MF Datasheet HTML 4Page - Microchip Technology MCP14700T-E/MF Datasheet HTML 5Page - Microchip Technology MCP14700T-E/MF Datasheet HTML 6Page - Microchip Technology MCP14700T-E/MF Datasheet HTML 7Page - Microchip Technology MCP14700T-E/MF Datasheet HTML 8Page - Microchip Technology MCP14700T-E/MF Datasheet HTML 9Page - Microchip Technology MCP14700T-E/MF Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
MCP14700
DS22201B-page 6
 2009-2013 Microchip Technology Inc.
Switching Times
HIGHDR Rise Time
tRH
—10
—
ns
CL =3.3 nF, Note 1, Note 2
LOWDR Rise Time
tRL
—10
—
ns
CL =3.3 nF, Note 1, Note 2
HIGHDR Fall Time
tFH
—10
—
ns
CL =3.3 nF, Note 1, Note 2
LOWDR Fall Time
tFL
—6.0
—
ns
CL =3.3 nF, Note 1, Note 2
HIGHDR Turn-off Propagation
Delay
tPDLH
20
27
36
ns
No Load, Note 1, Note 2
LOWDR Turn-off Propagation
Delay
tPDLL
10
17
25
ns
No Load, Note 1, Note 2
HIGHDR Turn-on Propagation
Delay
tPDHH
20
27
36
ns
No Load, Note 1, Note 2
LOWDR Turn-on Propagation
Delay
tPDHL
10
17
25
ns
No Load, Note 1, Note 2
Protection Requirements
Thermal Shutdown
TSHDN
—147
—
°C
Note 1
Thermal Shutdown Hysteresis
TSHDN_HYS
—20
—
°C
Note 1
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, VCC = 5.0V, TJ = -40°C to +125°C
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Parameter ensured by characterization, not production tested.
2:
See Figure 4-1 and Figure 4-2 for parameter definition.
TEMPERATURE CHARACTERISTICS
Unless otherwise noted, all parameters apply with VCC =5.0V
Parameter
Sym.
Min.
Typ.
Max.
Units
Comments
Temperature Ranges
Maximum Junction Temperature
TJ
—
—
+150
°C
Storage Temperature
TA
-65
—
+150
°C
Specified Temperature Range
TA
-40
—
+125
°C
Package Thermal Resistances
Thermal Resistance, 8L-3x3 DFN
JA
—
64
—
°C/W
Typical four-layer board with
vias to ground plane
JC
—12
—
°C/W
Thermal Resistance, 8L-SOIC
JA
—163
—
°C/W
JC
—42
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com