Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF6401B Datasheet(PDF) 13 Page - Microchip Technology

Part # SST38VF6401B
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6401B Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST38VF6401B Datasheet HTML 9Page - Microchip Technology SST38VF6401B Datasheet HTML 10Page - Microchip Technology SST38VF6401B Datasheet HTML 11Page - Microchip Technology SST38VF6401B Datasheet HTML 12Page - Microchip Technology SST38VF6401B Datasheet HTML 13Page - Microchip Technology SST38VF6401B Datasheet HTML 14Page - Microchip Technology SST38VF6401B Datasheet HTML 15Page - Microchip Technology SST38VF6401B Datasheet HTML 16Page - Microchip Technology SST38VF6401B Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS25002B-page 13
SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B
The Read-Irreversible Block-Lock Status command
indicates if the Irreversible Block Command has been
issued. If DQ0 = 0, then the Irreversible Lock command
has been previously issued.
In order to return to the standard Read mode, the soft-
ware Product Identification mode must be exited. The
exit is accomplished by issuing the software ID Exit
command sequence, which returns the device to the
Read mode. See Table 5-2 for software command
codes, Figure 6-13 for timing waveform, and Figures 6-
22 and 6-23 for flowcharts.
4.12
Security ID
The SST38VF6401B/6402B/6403B/6404B devices offer
a Security ID feature. The Secure ID space is divided
into two segments — one factory programmed 128 bit
segment and one user programmable 248 word seg-
ment. See Table 4-4 for address information. The first
segment is programmed and locked at Microchip and
contains a 128 bit Unique ID which uniquely identifies
the device. The user segment is left un-programmed
for the customer to program as desired.
The user segment of the Security ID can be pro-
grammed by first using the SEC ID Entry command to
enter the Secure ID space. Once in the Secure ID
space, for smaller data sets, use the Word-Program
command to program data. To program larger sets of
data more quickly, use the Write-Buffer Programming
feature. Note that Bypass Mode is not available.
To detect end-of-write for the SEC ID, read the toggle
bits. Do not use Data# Polling to detect end of Write.
Once the programming is complete, lock the Sec ID by
programming bit ‘0’ in the PSR with the PSR Program
command. Locking the Sec ID disables any corruption of
this space. Note that regardless of whether or not the Sec
ID is locked, the Sec ID segments can not be erased.
The Secure ID space can be queried by executing a
three-byte command sequence with Enter Sec ID com-
mand (88H) at address 555H in the last byte sequence.
To exit this mode, the Exit Sec ID command should be
executed. Refer to Table 5-2 for software commands
and Figures 6-22 and 6-23 for flow charts.
4.13
Bypass Mode
Bypass mode shortens the time needed to issue pro-
gram and erase commands by reducing these com-
mands to two write cycles each. After using the Bypass
Entry command to enter the Bypass mode, only the
Bypass Word-Program, Bypass Block Erase, Bypass
Chip Erase, Erase-Suspend, and Erase-Resume com-
mands are available. The Bypass Exit command exits
Bypass mode. See Table 5-2 for further details.
Entering Bypass Mode while already in Erase-Suspend
limits the available commands. See “Erase-Suspend/
Erase-Resume Commands” on page 9 for more infor-
mation.
4.14
Protection Settings Register (PSR)
The Protection Settings Register (PSR) is a user-pro-
grammable register that allows for further customiza-
tion
of
the
SST38VF6401B/6402B/6403B/6404B
protection features. The 16-bit PSR provides four One
Time Programmable (OTP) bits for users, each of
which can be programmed individually. However, once
an OTP bit is programmed to ‘0’, the value cannot be
changed back to a ‘1’. The other 12 bits of the PSR are
reserved. See Table 4-5 for the definition of all 16-bits
of the PSR.
Note that DQ4, DQ2, DQ1, DQ0 do not have to be pro-
grammed at the same time. In addition, DQ2 and DQ1
cannot both be programmed to ‘0’. The valid combina-
tions of states of DQ2 and DQ1 are shown in Table 4-6.
TABLE 4-4:
ADDRESS RANGE FOR SEC ID
Size
Address
Microchip Unique ID
128 bits
000H – 007H
User
248 W
008H – 0FFH
TABLE 4-5:
PSR BIT DEFINITIONS
Bit
Default
from
Factory
Definition
DQ15-
DQ5
FFFh
Reserved
DQ4
1
VPB power-up / hardware reset state
0 = all protected
1 = all unprotected
DQ3
1
Reserved
DQ2
1
Password mode
0 = Password only mode
1 = Pass-Through mode
DQ1
1
Pass-Through mode
0 = Pass-Through only mode
1 = Pass-Through mode
DQ0
1
SEC ID Lock Out Bit
0 = locked
1 = unlocked
TABLE 4-6:
VALID DQ2 AND DQ1
COMBINATIONS
Combination
Definition
DQ2, DQ1 = 11
Pass-Through mode (factory
default)
DQ2, DQ1 = 10
Pass-Through only mode
DQ2, DQ1 = 01
Password only mode
DQ2, DQ1 = 00
Not Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com