Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC32MCDB Datasheet(PDF) 4 Page - Microchip Technology

Part # TC32MCDB
Description  ECONOMONITOR????3-Pin System Supervisor with Power Supply Monitor and Watchdog
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC32MCDB Datasheet(HTML) 4 Page - Microchip Technology

  TC32MCDB Datasheet HTML 1Page - Microchip Technology TC32MCDB Datasheet HTML 2Page - Microchip Technology TC32MCDB Datasheet HTML 3Page - Microchip Technology TC32MCDB Datasheet HTML 4Page - Microchip Technology TC32MCDB Datasheet HTML 5Page - Microchip Technology TC32MCDB Datasheet HTML 6Page - Microchip Technology TC32MCDB Datasheet HTML 7Page - Microchip Technology TC32MCDB Datasheet HTML 8Page - Microchip Technology TC32MCDB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC32M
DS21402D-page 4
 2001-2012 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(SOT-223, TO-92)
Symbol
Description
1
GND
Ground.
2VDD
The +5V power supply input.
3
RS
Reset/Strobe (Bidirectional). The open drain goes active if:
VDD falls below 4.5V nominal.
If pulled low by an external electronic signal or switch closure.
If the Watchdog is not strobed within the minimum Watchdog Time-out period.
During power-up and power-down.
In the Input mode, RS connects to a voltage level shift network (typically a resistor
divider to VDD.) The Watchdog Timer is reset when processor causes a voltage
level
 V
STL to be applied to RS.
4VDD
The +5V power supply input (SOT-223 only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com