Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC593002ECB Datasheet(PDF) 13 Page - Microchip Technology

Part # TC593002ECB
Description  Low Dropout, Negative Output Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC593002ECB Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC593002ECB Datasheet HTML 9Page - Microchip Technology TC593002ECB Datasheet HTML 10Page - Microchip Technology TC593002ECB Datasheet HTML 11Page - Microchip Technology TC593002ECB Datasheet HTML 12Page - Microchip Technology TC593002ECB Datasheet HTML 13Page - Microchip Technology TC593002ECB Datasheet HTML 14Page - Microchip Technology TC593002ECB Datasheet HTML 15Page - Microchip Technology TC593002ECB Datasheet HTML 16Page - Microchip Technology TC593002ECB Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21438C-page 13
TC59
5.0
TYPICAL CHARACTERISTICS (CONTINUED)
-6.0
TIME (2msec/div)
1mA
TC594002 (-4.0V)
-5.5
-5.0
-4.5
-4.0
-3.5
250
200
150
100
50
0
Output Voltage
100mA
Output Current
-6.0
TIME (2 msec/div)
1mA
TC593002 (-3.0V)
-5.5
-5.0
-4.5
-4.0
-3.5
250
200
150
100
50
0
Output Voltage
10mA
Output Current
-6.0
TIME (2 msec/div)
1mA
TC593002 (-3.0V)
-5.5
-5.0
-4.5
-4.0
-3.5
250
200
150
100
50
0
Output Voltage
100mA
Output Current
-6.0
TIME (2 msec/div)
50mA
1mA
TC593002 (-3.0V)
-5.5
-5.0
-4.5
-4.0
-3.5
250
200
150
100
50
0
Output Voltage
Output Current
8. LOAD TRANSIENT RESPONSE (CONT.)
VIN = -5.0V, CIN, CL = 1µF, TOPR = 25°C
VIN = -4.0V, CIN, CL = 1µF, TOPR = 25°CVIN = -4.0V, CIN, CL = 1µF, TOPR = 25°C
VIN = -4.0V, CIN, CL = 1µF, TOPR = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com