Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC115 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC115
Description  PFM/PWM Step-Up DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC115 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC115_13 Datasheet HTML 6Page - Microchip Technology TC115_13 Datasheet HTML 7Page - Microchip Technology TC115_13 Datasheet HTML 8Page - Microchip Technology TC115_13 Datasheet HTML 9Page - Microchip Technology TC115_13 Datasheet HTML 10Page - Microchip Technology TC115_13 Datasheet HTML 11Page - Microchip Technology TC115_13 Datasheet HTML 12Page - Microchip Technology TC115_13 Datasheet HTML 13Page - Microchip Technology TC115_13 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
 2002-2012 Microchip Technology Inc.
DS21361D-page 11
TC115
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device:
TC115:
PFM/PWM Step-Up DC/DC Converter
Output Voltage:
30
= 3.0V
33
= 3.3V
50
= 5.0V
Oscillator Frequency:
1
= 100 kHz
Temperature Range:
E
=
-40°C to +85°C
Package:
MTTR = 5L SOT-89, Tape and Reel
Examples:
a) TC115301EMTTR: 3.0V Converter
b)
TC115331EMTTR:
3.3V Converter
c)
TC115501EMTTR:
5.0V Converter
PART NO.
X
XXXX
Package
Temperature
Range
Device
XX
Output
Voltage
X
Oscillator
Frequency
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com