Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC642B Datasheet(PDF) 21 Page - Microchip Technology

Part # TC642B
Description  PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense??Technology for Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC642B Datasheet(HTML) 21 Page - Microchip Technology

Back Button TC642B_13 Datasheet HTML 17Page - Microchip Technology TC642B_13 Datasheet HTML 18Page - Microchip Technology TC642B_13 Datasheet HTML 19Page - Microchip Technology TC642B_13 Datasheet HTML 20Page - Microchip Technology TC642B_13 Datasheet HTML 21Page - Microchip Technology TC642B_13 Datasheet HTML 22Page - Microchip Technology TC642B_13 Datasheet HTML 23Page - Microchip Technology TC642B_13 Datasheet HTML 24Page - Microchip Technology TC642B_13 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
 2002-2013 Microchip Technology Inc.
DS21756C-page 21
TC642B/TC647B
FIGURE 5-7:
Output Drive Device Configurations.
TABLE 5-2:
FAN DRIVE DEVICE SELECTION TABLE (NOTE 2)
5.6
Bias Supply Bypassing and Noise
Filtering
The bias supply (VDD) for the TC642B/TC647B devices
should be bypassed with a 1.0
F ceramic capacitor.
This capacitor will help supply the peak currents that
are required to drive the base/gate of the external fan
drive devices.
As the VIN pin controls the duty cycle in a linear fashion,
any noise on this pin can cause duty-cycle jittering. For
this reason, the VIN pin should be bypassed with a
0.01 µF capacitor.
In order to keep fan noise off of the TC642B/TC647B
device ground, individual ground returns for the
TC642B/TC647B and the low side of the fan current
sense resistor should be used.
5.7
Design Example/Typical
Application
The system has been designed with the following
components and criteria.
System inlet air ambient temperature ranges from 0ºC
to 50ºC. At 20ºC and below, it is desired to have the
system cooling stay at a constant level. At 20ºC, the fan
should be run at 40% of its full fan speed. Full fan
speed should be reached when the ambient air is 40ºC.
The system has a surface mount, NTC-style thermistor
in a 1206 package. The thermistor is mounted on a
daughtercard, which is directly in the inlet air stream.
The thermistor is a NTC, 100 k
 @ 25ºC, Thermomet-
rics® part number NHQ104B425R5. The given Beta for
the thermistor is 4250. The system bias voltage to run
the fan controller is 5V and the fan voltage is 12V.
Device
Package
Max Vbe sat /
Vgs(V)
Min hfe
VCE/VDS
(V)
Fan Current
(mA)
Suggested
Rbase (
)
MMBT2222A
SOT-23
1.2
50
40
150
800
MPS2222A
TO-92
1.2
50
40
150
800
MPS6602
TO-92
1.2
50
40
500
301
SI2302
SOT-23
2.5
NA
20
500
Note 1
MGSF1N02E
SOT-23
2.5
NA
20
500
Note 1
SI4410
SO-8
4.5
NA
30
1000
Note 1
SI2308
SOT-23
4.5
NA
60
500
Note 1
Note 1: A series gate resistor may be used in order to control the MOSFET turn-on and turn-off times.
2: These drive devices are suggestions only. Fan currents listed are for individual fans.
Q1
GND
Fan Bias
RSENSE
RBASE
VOUT
FAN
a) Single Bipolar Transistor
Q1
GND
Fan Bias
RSENSE
VOUT
b) N-Channel MOSFET
FAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com