Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC648B Datasheet(PDF) 4 Page - Microchip Technology

Part # TC648B
Description  PWM Fan Speed Controllers With Auto-Shutdown, Fan Restart and FanSense??Technology for Fault Detection
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC648B Datasheet(HTML) 4 Page - Microchip Technology

  TC648B Datasheet HTML 1Page - Microchip Technology TC648B Datasheet HTML 2Page - Microchip Technology TC648B Datasheet HTML 3Page - Microchip Technology TC648B Datasheet HTML 4Page - Microchip Technology TC648B Datasheet HTML 5Page - Microchip Technology TC648B Datasheet HTML 6Page - Microchip Technology TC648B Datasheet HTML 7Page - Microchip Technology TC648B Datasheet HTML 8Page - Microchip Technology TC648B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
TC646B/TC648B/TC649B
DS21755C-page 4
 2002-2013 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
Pulse-Width Modulator
PWM Frequency
fPWM
26
30
34
Hz
CF = 1.0 µF
SENSE Input (TC646B & TC649B)
SENSE Input Threshold Voltage
with Respect to GND
VTH(SENSE)
50
70
90
mV
Blanking time to ignore pulse due
to VOUT turn-on
tBLANK
—
3.0
—
µsec
FAULT / OTF Output
Output Low Voltage
VOL
——
0.3
V
IOL = 2.5 mA
Missing Pulse Detector Timer
tMP
—
32/f
—
sec
TC646B and TC649B, Note 2
Start-up Timer
tSTARTUP
—
32/f
—
sec
Note 2
Diagnostic Timer
tDIAG
—
3/f
—
sec
TC646B and TC649B
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all limits are specified for -40°C < TA < +85°C, VDD = 3.0V to 5.5V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note
1:
Ensured by design, tested during characterization.
2:
For VDD < 3.7V, tSTARTUP and tMP timers are typically 13/f.
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 3.0V to 5.5V
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Package Resistance, 8-Pin MSOP
JA
—
200
—
°C/W
Thermal Package Resistance, 8-Pin SOIC
JA
—
155
—
°C/W
Thermal Package Resistance, 8-Pin PDIP
JA
—
125
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com