Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC649 Datasheet(PDF) 16 Page - Microchip Technology

Part # TC649
Description  PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC649 Datasheet(HTML) 16 Page - Microchip Technology

Back Button TC649_13 Datasheet HTML 12Page - Microchip Technology TC649_13 Datasheet HTML 13Page - Microchip Technology TC649_13 Datasheet HTML 14Page - Microchip Technology TC649_13 Datasheet HTML 15Page - Microchip Technology TC649_13 Datasheet HTML 16Page - Microchip Technology TC649_13 Datasheet HTML 17Page - Microchip Technology TC649_13 Datasheet HTML 18Page - Microchip Technology TC649_13 Datasheet HTML 19Page - Microchip Technology TC649_13 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
TC649
DS21449D-page 16
 2001-2012 Microchip Technology Inc.
5.8
TC649 as a Microcontroller
Peripheral
In a system containing a microcontroller or other host
intelligence, the TC649 can be effectively managed as
a CPU peripheral. Routine fan control functions can be
performed by the TC649 without processor interven-
tion. The microcontroller receives temperature data
from one or more points throughout the system. It
calculates a fan operating speed based on an algorithm
specifically designed for the application at hand. The
processor controls fan speed using complementary
port bits I/O1 through I/O3. Resistors R1 through R6
(5% tolerance) form a crude 3-bit DAC that translates
this 3-bit code from the processor's outputs into a 1.6V
DC control signal. A monolithic DAC or digital pot may
be used instead of the circuit shown in Figure 5-10.
With VAS set at 1.8V, the TC649 enters auto-shutdown
when the processor's output code is 000[B]. Output
codes 001[B] to 111[B] operate the fan from roughly
40% to 100% of full speed. An open-drain output from
the processor (I/O0) can be used to reset the TC649
following detection of a fault condition. The FAULT out-
put can be connected to the processor's interrupt input
or to another I/O pin for polled operation.
.
FIGURE 5-10:
TC649 as a Microcontroller Peripheral.
FIGURE 5-11:
VRELEASE vs. Temperature.
CMOS
Microcontroller
TC649
VIN
CF
VAS
GND
VDD
VOUT
SENSE
+5V
Analog or Digital
Temperature Data from
One or more Sensors
I/O1
I/O2
I/O3
INT
GND
(Optional)
(MSB)
R1
110 k
Ω
R2
240 k
Ω
R3
360 k
Ω
(LSB)
R5
1.5 k
Ω
+5V
R6
1 k
Ω
R4
18 k
Ω
R7
33 k
Ω
+5V
R8
18 k
Ω
CB
.01µF
+
1µF
CB
.01 µF
CMOS
Outputs
Open-Drain
Output
Fan
+12V
+5V
CB
1 µF
R9
800
Ω
+5V
R10
10 k
Ω
0.1 µF
2N2222A
R11
2.2
Ω
(RESET)
1
2
3
4
5
6
FAULT
7
8
I/O0
VRELEASE vs. Temperature
0˚C
25˚C
TEMPERATURE
85˚C
VDD = 3.0V
VDD = 4.0V
VDD = 5.0V
VDD = 5.5V
1.0
0.9
0.8
0.7
0.6
0.5
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com