Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC651 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC651
Description  Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC651 Datasheet(HTML) 1 Page - Microchip Technology

  TC651 Datasheet HTML 1Page - Microchip Technology TC651 Datasheet HTML 2Page - Microchip Technology TC651 Datasheet HTML 3Page - Microchip Technology TC651 Datasheet HTML 4Page - Microchip Technology TC651 Datasheet HTML 5Page - Microchip Technology TC651 Datasheet HTML 6Page - Microchip Technology TC651 Datasheet HTML 7Page - Microchip Technology TC651 Datasheet HTML 8Page - Microchip Technology TC651 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21450D-page 1
TC650/TC651
Features
• Integrated Temperature Sensing and Multi-speed
Fan Control
• Built-in Overtemperature Alert (TOVER)
• Temperature-proportional Fan Speed Control for
Acoustic Noise Reduction and Longer Fan Life
• Pulse Width Modulation (PWM) Output Drive for
Cost and Power Savings
• Solid-state Temperature Sensing
•±1
C (typ.) Accuracy from 25C to +70C
• Operating Range: 2.8V – 5.5V
• TC651 includes Automatic Fan Shutdown
• Low Operating Current: 50 µA (typ.)
Applications
• Thermal Protection For Personal Computers
• Digital Set-Top Boxes
• Notebook Computers
• Data Communications
• Power Supplies
•Projectors
Related Literature
• Application Note 771 (DS00771)
General Description
The TC650/TC651 are integrated temperature sensors
and brushless DC fan speed controllers. The TC650/
TC651 measure the junction temperature and control
the speed of the fan based on that temperature, making
them especially suited for applications in modern
electronic equipment.
Temperature data is converted from the on-chip
thermal sensing element and translated into a
fractional fan speed from 40% to 100%. A temperature
selection guide in the data sheet is used to choose the
low and high temperature limits to control the fan. The
TC650/TC651 also include a single trip point over-
temperature alert (TOVER) that eliminates the need for
additional temperature sensors. In addition, the TC651
features an auto fan shutdown function for additional
power savings.
The TC650/TC651 are easy to use, require no software
overhead and are, therefore, the ideal choice for
implementing thermal management in a variety of
systems.
Package Type
1
8
27
3
6
4
5
NC
VDD
PWM
TOVER
NC
GND
8-Pin MSOP
SHDN
GND
TC650
TC651
Tiny Integrated Temperature Sensor & Brushless DC Fan
Controller with Overtemperature Alert


Similar Part No. - TC651

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC651 MICROCHIP-TC651 Datasheet
440Kb / 14P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
logo
STMicroelectronics
TC651 STMICROELECTRONICS-TC651 Datasheet
210Kb / 16P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
Oct-2003
logo
Microchip Technology
TC651 MICROCHIP-TC651 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC651 MICROCHIP-TC651 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC651AAVUA MICROCHIP-TC651AAVUA Datasheet
440Kb / 14P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
More results

Similar Description - TC651

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC648 MICROCHIP-TC648 Datasheet
602Kb / 28P
Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
2002
TC651 MICROCHIP-TC651 Datasheet
440Kb / 14P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
logo
STMicroelectronics
TC650 STMICROELECTRONICS-TC650_04 Datasheet
210Kb / 16P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
Oct-2003
logo
Microchip Technology
TC648 MICROCHIP-TC648_13 Datasheet
364Kb / 28P
Fan Speed Controller with Auto-Shutdown and Over-Temperature Alert
11/29/12
TC652 MICROCHIP-TC652_13 Datasheet
215Kb / 16P
Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan
04/20/02
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
Temperature Sensor with Alert Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com