Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC670ECHTR Datasheet(PDF) 11 Page - Microchip Technology

Part # TC670ECHTR
Description  Tiny Predictive Fan Failure Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC670ECHTR Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC670ECHTR Datasheet HTML 6Page - Microchip Technology TC670ECHTR Datasheet HTML 7Page - Microchip Technology TC670ECHTR Datasheet HTML 8Page - Microchip Technology TC670ECHTR Datasheet HTML 9Page - Microchip Technology TC670ECHTR Datasheet HTML 10Page - Microchip Technology TC670ECHTR Datasheet HTML 11Page - Microchip Technology TC670ECHTR Datasheet HTML 12Page - Microchip Technology TC670ECHTR Datasheet HTML 13Page - Microchip Technology TC670ECHTR Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
 2001-2012 Microchip Technology Inc.
DS21688D-page 11
TC670
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
XXXX
Package
Temperature
Range
Device
Device:
TC670:
Predictive Fan Failure Detector
Temperature Range:
E
=
-40°C to +85°C
Package:
CHTR: = SOT-23, Small Outline Transistor, 6-lead
(Tape and Reel only)
Examples:
a)
TC670ECHTR: Predictive Fan Failure
Detector, SOT-23 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com