Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC682 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC682
Description  Inverting Voltage Doubler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC682 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC682_13 Datasheet HTML 3Page - Microchip Technology TC682_13 Datasheet HTML 4Page - Microchip Technology TC682_13 Datasheet HTML 5Page - Microchip Technology TC682_13 Datasheet HTML 6Page - Microchip Technology TC682_13 Datasheet HTML 7Page - Microchip Technology TC682_13 Datasheet HTML 8Page - Microchip Technology TC682_13 Datasheet HTML 9Page - Microchip Technology TC682_13 Datasheet HTML 10Page - Microchip Technology TC682_13 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
 2002-2012 Microchip Technology Inc.
DS21453D-page 7
TC682
5.0
TYPICAL CHARACTERISTICS
Circuit of Figure 3-1, C1 = C2 = COUT = 3.3 F, TA = 25°C unless otherwise noted.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
VIN (V)
240
220
200
180
140
160
120
12
3
4
56
Output Resistance vs. VIN
C1 – C3 = 3.3 µF
VIN (V)
300
250
200
150
50
100
12
3
4
56
Supply Current vs. VIN
NO LOAD
VIN = 5V
OUTPUT CURRENT (mA)
200
150
100
50
0
0
5
15
10
20
Output Ripple vs. Output Current
C3 = 100
μF
C3 = 10
μF
LOAD CURRENT (mA)
0
5
10
15
-7.5
-8.0
-8.5
-9.0
-9.5
-10.0
-10.5
VOUT vs. Load Current
VIN = 5V
TEMPERATURE (°C)
-50
0
50
100
200
180
160
140
120
100
80
Output Source Resistance vs. Temperature
VIN = 5V
IOUT = 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com