Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD630AD Datasheet(PDF) 5 Page - Analog Devices

Part # AD630AD
Description  Balanced Modulator/Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD630AD Datasheet(HTML) 5 Page - Analog Devices

  AD630AD Datasheet HTML 1Page - Analog Devices AD630AD Datasheet HTML 2Page - Analog Devices AD630AD Datasheet HTML 3Page - Analog Devices AD630AD Datasheet HTML 4Page - Analog Devices AD630AD Datasheet HTML 5Page - Analog Devices AD630AD Datasheet HTML 6Page - Analog Devices AD630AD Datasheet HTML 7Page - Analog Devices AD630AD Datasheet HTML 8Page - Analog Devices AD630AD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. E
AD630
–5–
20mV
500ns
20mV
100
90
10
0%
20mV/DIV
(Vo)
20mV/DIV
(Vi)
TOP TRACE: Vo
BOTTOM TRACE: Vi
5k
10k
10k
Vi
CH A
CH B
12
VO
2
20
19
18
13
9
10
14
16
15
TPC 7. Channel-to-Channel Switch-Settling Characteristic
100
90
10
0%
100mV
500ns
50mV
1mV
50mV/DIV
(Vi)
1mV/DIV
(A)
TOP TRACE: Vi
MIDDLE TRACE: SETTLING
ERROR (A)
BOTTOM TRACE: Vo
100mV/DIV
(Vo)
12
CH A
MIDDLE
TRACE
(A)
10k
10k
VO
BOTTOM
TRACE
TEKTRONIX
7A13
10k
1k
30pF
10k
Vi
TOP
TRACE
2
20
13
14
15
TPC 8. Small Signal Noninverting Step Response
100
90
10
0%
10V
10V
1mV
TOP TRACE: Vi
MIDDLE TRACE: SETTLING
ERROR (B)
BOTTOM TRACE: Vo
5 s
10V 20kHz
(Vi)
1mV/DIV
(B)
10V/DIV
(Vo)
12
CH A
10k
10k
VO
BOTTOM
TRACE
10k
Vi
TOP
TRACE
(B)
MIDDLE
TRACE
10k
HP5082-2811
20
2
13
14
15
TPC 9. Large Signal Inverting Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com