Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC850 Datasheet(PDF) 17 Page - Microchip Technology

Part # TC850
Description  15-Bit, Fast Integrating CMOS A/D Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC850 Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC850_13 Datasheet HTML 13Page - Microchip Technology TC850_13 Datasheet HTML 14Page - Microchip Technology TC850_13 Datasheet HTML 15Page - Microchip Technology TC850_13 Datasheet HTML 16Page - Microchip Technology TC850_13 Datasheet HTML 17Page - Microchip Technology TC850_13 Datasheet HTML 18Page - Microchip Technology TC850_13 Datasheet HTML 19Page - Microchip Technology TC850_13 Datasheet HTML 20Page - Microchip Technology TC850_13 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
 2001-2012 Microchip Technology Inc.
DS21479D-page 17
TC850
Figure 8-3 shows a typical interface to a
P I/O port or
single-chip
C. The TC850 operates in the Continuous
mode and can either interrupt the
C/P or be polled
with an input pin.
FIGURE 8-3:
Interface to Typical
P I/O
Port or Single Chip
C
Since the PA0-PA7 inputs are dedicated to reading A/D
data, the A/D CS/CE inputs can be enabled continu-
ously. In Continuous mode, data must be read in 3
bytes, as shown in Table 6-1. The required RD pulses
are provided by a
C/P output pin.
The circuit of Figure 8-3 can also operate in the
Demand mode, with the start-up conversion strobe
generated by a
C/P output pin. In this case, the L/H
and CONT/DEMAND inputs can be controlled by I/O
pins and the RD input connected to digital ground.
8.3
Demand Mode Interface Timing
When CONT/DEMAND input is LOW, the TC850
performs a conversion each time CE and CS are active
and WR is strobed LOW.
The Demand mode conversion timing is shown in
Figure 8-1. BUSY goes LOW and data is valid 1155
clock pulses after WR goes LOW. After BUSY goes
low, 125 additional clock cycles are required before the
next conversion cycle will begin.
Once conversion is started, WR is ignored for 1100
internal clock cycles. After 1100 clock cycles, another
WR pulse is recognized and initiates a new conversion
when the present conversion is complete. A negative
edge on WR is required to begin conversion. If WR is
held LOW, conversions will not occur continuously.
The A/D conversion data is valid on the falling edge of
BUSY and remains valid until one-half internal clock
cycle before BUSY goes HIGH on the succeeding
conversion. BUSY can be monitored with an I/O pin to
determine end of conversion or to generate a
P
interrupt.
In Demand mode, the three data bytes can be read in
any desired order. The TC850 is simply regarded as
three bytes of memory and accessed accordingly. The
bus output timing is shown in Figure 8-2.
8.4
Continuous Mode Interface Timing
When the CONT/DEMAND input is HIGH, the TC850
performs conversions continuously. Data will be valid
on the falling edge of BUSY and all three bytes must be
read within 443-1/2 internal clock cycles of BUSY going
LOW. The timing diagram is shown in Figure 8-3.
In Continuous mode, OVR/POL and L/H byte-select
inputs are ignored. The TC850 automatically cycles
through three data bytes, as shown in Table 6-1. Bus
output timing in the Continuous mode is shown in
Figure 8-4.
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
BUSY
RD
PB0
CS
NC
CE
WR
+5V
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
INTERRUPT
CONT/DEMAND
mC OR mP
I/O PORT
TC850



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com