Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC682EPA Datasheet(PDF) 2 Page - Microchip Technology

Part # TC682EPA
Description  Inverting Voltage Doubler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC682EPA Datasheet(HTML) 2 Page - Microchip Technology

  TC682EPA Datasheet HTML 1Page - Microchip Technology TC682EPA Datasheet HTML 2Page - Microchip Technology TC682EPA Datasheet HTML 3Page - Microchip Technology TC682EPA Datasheet HTML 4Page - Microchip Technology TC682EPA Datasheet HTML 5Page - Microchip Technology TC682EPA Datasheet HTML 6Page - Microchip Technology TC682EPA Datasheet HTML 7Page - Microchip Technology TC682EPA Datasheet HTML 8Page - Microchip Technology TC682EPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC682
DS21453D-page 2
 2002-2012 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
VIN .......................................................................+5.8V
VIN dV/dT ........................................................ 1V/sec
VOUT ...................................................................-11.6V
Short-Circuit Duration - VOUT ..................... Continuous
Power Dissipation (TA 70°C)
8-Pin PDIP ..............................................730 mW
8-Pin SOIC ..............................................470 mW
Operating Temperature Range............. -40°C to +85°C
Storage Temperature (Unbiased) .......-65°C to +150°C
*Stresses
above
those
listed
under
“Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
TC682 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Over operating temperature range, VIN = +5V, test circuit Figure 3-1 unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VIN
Supply Voltage Range
2.4
—
5.5
V
RL = 2 k
IIN
Supply Current
—
—
185
—
300
400
AR
L = , TA = 25°C
RL = 
ROUT
VOUT Source Resistance
—
—
140
—
170
180
230
320
IL
– = 10 mA, T
A = 25°C
IL
– = 10 mA
IL
– = 5 mA, V
IN = 2.8V
FOSC
Oscillator Frequency
—
12
—
kHz
PEFF
Power Efficiency
90
92
—
%
RL = 2 k, TA = 25°C
VOUTEFF
Voltage Conversion Efficiency
99
99.9
—
%
VOUT, RL = 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com