Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1046 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1046
Description  High Precision Temperature-to-Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1046 Datasheet(HTML) 5 Page - Microchip Technology

  TC1046_13 Datasheet HTML 1Page - Microchip Technology TC1046_13 Datasheet HTML 2Page - Microchip Technology TC1046_13 Datasheet HTML 3Page - Microchip Technology TC1046_13 Datasheet HTML 4Page - Microchip Technology TC1046_13 Datasheet HTML 5Page - Microchip Technology TC1046_13 Datasheet HTML 6Page - Microchip Technology TC1046_13 Datasheet HTML 7Page - Microchip Technology TC1046_13 Datasheet HTML 8Page - Microchip Technology TC1046_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
 2001-2012 Microchip Technology Inc
DS21496C-page 5
TC1046
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4.0
3.0
2.0
1.0
0.0
-1.0
-2.0
-3.0
-4.0
-40
-50
-30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130 140
TEMPERATURE (˚C)
Temperature Accuracy vs. Temperature
VDD = 2.5V
VDD = 5.5V
60.0
50.0
40.0
30.0
20.0
10.0
0.0
TEMPERATURE (˚C)
Supply Current IDD vs. Temperature
–40
–25
–10
5
20
35
50
65
80
95
110
125
VDD =5.5V
VDD = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com