Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1046VNB Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1046VNB
Description  High Precision Temperature-to-Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1046VNB Datasheet(HTML) 2 Page - Microchip Technology

  TC1046VNB Datasheet HTML 1Page - Microchip Technology TC1046VNB Datasheet HTML 2Page - Microchip Technology TC1046VNB Datasheet HTML 3Page - Microchip Technology TC1046VNB Datasheet HTML 4Page - Microchip Technology TC1046VNB Datasheet HTML 5Page - Microchip Technology TC1046VNB Datasheet HTML 6Page - Microchip Technology TC1046VNB Datasheet HTML 7Page - Microchip Technology TC1046VNB Datasheet HTML 8Page - Microchip Technology TC1046VNB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC1046
DS21496C-page 2
2001-2012 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage ......................................................+7V
Voltage on Any Pin with Respect to Supplies:
................................................. VSS -0.3 to VDD + 0.3V
Operating Temperature ......................-40°C to +125°C
Storage Temperature Range ..............-55°C to +150°C
*Stresses above those listed under "Absolute Maximum Rat-
ings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at
these or any other conditions above those indicated in the
operation sections of the specifications is not implied. Expo-
sure to Absolute Maximum Rating conditions for extended
periods may affect device reliability.
TC1046 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: These specifications apply for the entire supply voltage range and for TA = -40°C to +125°C, unless
otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VDD
Supply Voltage
2.7
—
4.4
V
IQ
Supply Current, Operating
—
35
60
A
AV
Average Slope of Output Voltage
—
6.25
—
mV/°C
TMPACY
Temperature Accuracy at 25°C
-2
-3
—
±0.5
±0.5
1.0
+2
+3
—
°C
°C
°C
TA = 25°C
TA = +125°C
TA = -40°C
VOUT
Output Voltage
—
568
1187
174
580
1205
193
592
1224
mV
mV
mV
TA = -40°C
TA = 25°C
TA = +125°C
IOUT
Output Source and Sink Current
100
—
—
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com