Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1107 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1107
Description  300mA CMOS LDO with Shutdown and VREF Bypass
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1107 Datasheet(HTML) 3 Page - Microchip Technology

  TC1107_13 Datasheet HTML 1Page - Microchip Technology TC1107_13 Datasheet HTML 2Page - Microchip Technology TC1107_13 Datasheet HTML 3Page - Microchip Technology TC1107_13 Datasheet HTML 4Page - Microchip Technology TC1107_13 Datasheet HTML 5Page - Microchip Technology TC1107_13 Datasheet HTML 6Page - Microchip Technology TC1107_13 Datasheet HTML 7Page - Microchip Technology TC1107_13 Datasheet HTML 8Page - Microchip Technology TC1107_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 2002-2012 Microchip Technology Inc.
DS21356C-page 3
TC1107
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin No.
(8-Pin SOIC)
(8-Pin MSOP)
Symbol
Description
1VOUT
Regulated voltage output.
2
GND
Ground terminal.
3
NC
No connect.
4
Bypass
Reference bypass input. Connecting a 470pF to this input further reduces output noise.
5
SHDN
Shutdown control input. The regulator is fully enabled when a logic high is applied to this input.
The regulator enters shutdown when a logic low is applied to this input. During shutdown, output
voltage falls to zero and supply current is reduced to 0.05
A (typical).
6
NC
No connect.
7
NC
No connect.
8VIN
Unregulated supply input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com