Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD795JRZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD795JRZ
Description  Low Power, Low Noise Precision FET Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD795JRZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD795JRZ Datasheet HTML 10Page - Analog Devices AD795JRZ Datasheet HTML 11Page - Analog Devices AD795JRZ Datasheet HTML 12Page - Analog Devices AD795JRZ Datasheet HTML 13Page - Analog Devices AD795JRZ Datasheet HTML 14Page - Analog Devices AD795JRZ Datasheet HTML 15Page - Analog Devices AD795JRZ Datasheet HTML 16Page - Analog Devices AD795JRZ Datasheet HTML 17Page - Analog Devices AD795JRZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD795
Rev. C | Page 14 of 20
AC RESPONSE WITH HIGH VALUE SOURCE AND FEEDBACK RESISTANCE
Source and feedback resistances greater than 100 kΩ magnifies
the effect of input capacitances (stray and inherent to the
AD795) on the ac behavior of the circuit. The effects of
common-mode and differential input capacitances should be
taken into account because the circuit’s bandwidth and stability
can be adversely affected.
In a follower, the source resistance, RS, and input common-
mode capacitance, CS (including capacitance due to board and
capacitance inherent to the AD795), form a pole that limits
circuit bandwidth to 1/2 π RSCS. Figure 38 shows the follower
pulse response from a 1 MΩ source resistance with the
amplifier’s input pin isolated from the board; only the effect of
the AD795’s input common-mode capacitance is seen.
100
90
10
0%
10mV
5µs
Figure 38. Follower Pulse Response from 1 MΩ Source Resistance
In an inverting configuration, the differential input capacitance
forms a pole in the circuit’s loop transmission. This can create
peaking in the ac response and possible instability. A feedback
capacitance can be used to stabilize the circuit. The inverter
pulse response with RF and RS equal to 1 MΩ and the input pin
isolated from the board appears in Figure 39. Figure 40 shows
the response of the same circuit with a 1 pF feedback
capacitance. Typical differential input capacitance for the
AD795 is 2 pF.
100
90
10
0%
10mV
5µs
Figure 39. Inverter Pulse Response with 1 MΩ Source and Feedback
Resistance
100
90
10
0%
10mV
5µs
Figure 40. Inverter Pulse Response with 1 MΩ Source and Feedback
Resistance, 1 pF Feedback Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com