Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1188-TECT Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1188-TECT
Description  MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1188-TECT Datasheet(HTML) 4 Page - Microchip Technology

  TC1188-TECT Datasheet HTML 1Page - Microchip Technology TC1188-TECT Datasheet HTML 2Page - Microchip Technology TC1188-TECT Datasheet HTML 3Page - Microchip Technology TC1188-TECT Datasheet HTML 4Page - Microchip Technology TC1188-TECT Datasheet HTML 5Page - Microchip Technology TC1188-TECT Datasheet HTML 6Page - Microchip Technology TC1188-TECT Datasheet HTML 7Page - Microchip Technology TC1188-TECT Datasheet HTML 8Page - Microchip Technology TC1188-TECT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC1188/TC1189
DS21364C-page 4
 2002-2012 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Line Regulation vs.
Temperature. (TC1188)
FIGURE 2-2:
Output Voltage vs.
Temperature. (TC1188)
FIGURE 2-3:
Load Regulation vs.
Temperature. (TC1188)
FIGURE 2-4:
Load Regulation vs.
Temperature. (TC1188)
FIGURE 2-5:
Dropout Voltage vs.
Temperature. (TC1188)
FIGURE 2-6:
Output Noise vs. Frequency.
(TC1188)
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.10
0.08
0.06
0.04
0.00
–0.02
–0.04
–0.06
–0.08
–0.10
0.02
–40
°C0°C
25
°C
70
°C
85
°C
TEMPERATURE (
°C)
Line Reg. @ 3.50 V
to 5.50V(%)
2.930
2.910
2.890
2.870
2.850
2.830
2.810
2.790
2.770
2.750
–40
°C0°C
25
°C
70
°C
85
°C
TEMPERATURE (
°C)
VOUT - SET/1.0mA
@ 3.5V (V)
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0.000
–40
°C0°C
25
°C
70
°C
85
°C
TEMPERATURE (
°C)
Load Reg. 0 to 50mA (%)
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0.000
–40
°C0°C
25
°C
70
°C
85
°C
TEMPERATURE (
°C)
Load Reg. 0 to 50mA (%)
Load Reg. 0 to 100mA (%)
0.120
0.100
0.080
0.060
0.040
0.020
0.000
–40
°C0°C
25
°C
70
°C
85
°C
TEMPERATURE (
°C)
50mA, Dropout V (V)
FREQUENCY (kHz)
10.0
1.0
0.01
0.01
1
10
100
1000
0.1
0.0
RLOAD = 50μΩ
COUT = 1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com