Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1188-SECT Datasheet(PDF) 15 Page - Microchip Technology

Part # TC1188-SECT
Description  MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1188-SECT Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC1188-SECT Datasheet HTML 10Page - Microchip Technology TC1188-SECT Datasheet HTML 11Page - Microchip Technology TC1188-SECT Datasheet HTML 12Page - Microchip Technology TC1188-SECT Datasheet HTML 13Page - Microchip Technology TC1188-SECT Datasheet HTML 14Page - Microchip Technology TC1188-SECT Datasheet HTML 15Page - Microchip Technology TC1188-SECT Datasheet HTML 16Page - Microchip Technology TC1188-SECT Datasheet HTML 17Page - Microchip Technology TC1188-SECT Datasheet HTML 18Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
 2002-2012 Microchip Technology Inc.
DS21364C-page15
TC1188/TC1189
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Voltage
Output
Device
Device:
TC1188:
100 mA, MAX8863/64 Pin Compatible LDO
TC1189:
100 mA, MAX8863/64 Pin Compatible LDO
Voltage Output
Options:
Q= 1.80V
R= 2.80V
S= 2.84V
T= 3.15V
Package:
ECTTR
= SOT-23A, 5-Pin (Tape and Reel)
Examples:
a)
TC1188QECTTR: 1.80V, 100 mA,
MAX8863/64 Pin Compatible LDO
b)
TC1188RECTTR: 2.80V, 100 mA,
MAX8863/64 Pin Compatible LDO
c)
TC1188SECTTR: 2.84V, 100 mA,
MAX8863/64 Pin Compatible LDO
d)
TC1188TECTTR: 3.15V, 100 mA,
MAX8863/64 Pin Compatible LDO
a)
TC1189QECTTR: 1.80V, 100 mA,
MAX8863/64 Pin Compatible LDO
b)
TC1189RECTTR: 2.80V, 100 mA,
MAX8863/64 Pin Compatible LDO
c)
TC1189SECTTR: 2.84V, 100 mA,
MAX8863/64 Pin Compatible LDO
d)
TC1189TECTTR: 3.15V, 100 mA,
MAX8863/64 Pin Compatible LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com