Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1240A Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1240A
Description  Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1240A Datasheet(HTML) 2 Page - Microchip Technology

  TC1240A Datasheet HTML 1Page - Microchip Technology TC1240A Datasheet HTML 2Page - Microchip Technology TC1240A Datasheet HTML 3Page - Microchip Technology TC1240A Datasheet HTML 4Page - Microchip Technology TC1240A Datasheet HTML 5Page - Microchip Technology TC1240A Datasheet HTML 6Page - Microchip Technology TC1240A Datasheet HTML 7Page - Microchip Technology TC1240A Datasheet HTML 8Page - Microchip Technology TC1240A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TC1240/TC1240A
DS21516D-page 2
 2001-2012 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage (VIN to GND)
TC1240 ............................................. +4.5V, -0.3V
TC1240A ........................................... +5.8V, -0.3V
Output Voltage (VOUT to GND)
TC1240 ....................................... +9.0V, VIN -0.3V
TC1240A ................................... +11.6V, VIN -0.3V
Current at VOUT Pin............................................50 mA
Short-Circuit Duration: VOUT to GND .............Indefinite
Thermal Resistance .......................................210°C/W
Power Dissipation (TA = +25°C)........................600 mW
Operating Temperature Range............. -40°C to +85°C
Storage Temperature (Unbiased) .......-65°C to +150°C
† Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC1240 ELECTRICAL SPECIFICATIONS
Electrical Specifications: Unless otherwise noted, typical values apply at TA = +25°C. Minimum and maximum val-
ues apply for TA = -40° to +85°C, and VIN = +2.8V, C1 = C2 = 3.3 µF, SHDN = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Current
IDD
—
180
300
µA
RLOAD = 
Shutdown Supply Current
ISHDN
—
0.1
1.0
µA
SHDN = VIN
Minimum Supply Voltage
VMIN
2.5
—
—
V
RLOAD = 1.0 k
Maximum Supply Voltage
VMAX
——
4.0
V
RLOAD = 1.0 k
Oscillator Frequency
FOSC
—160
—
kHz
TA = -40°C to +85°C
Switching Frequency (Note 1)
FSW
40
80
125
kHz
TA = -40°C to +85°C
Shutdown Input Logic High
VIH
1.4
—
—
V
VIN = VMIN to VMAX
Shutdown Input Logic Low
VIL
——
0.4
V
VIN = VMIN to VMAX
Power Efficiency
PEFF
86
93
—
%
RLOAD = 1.0 k
Voltage Conversion Efficiency
VEFF
97.5
99.96
—
%
RLOAD = 
Output Resistance (Note 2)
ROUT
—
—
17
—
—
30
RLOAD = 1.0 k
TA = -40°C to +85°C
Note 1:
Switching frequency is one-half internal oscillator frequency.
2:
Capacitor contribution is approximately 26% of the output impedance [ESR = 1 / switching frequency x
capacitance].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com