Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1240AECH Datasheet(PDF) 9 Page - Microchip Technology

Part # TC1240AECH
Description  Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1240AECH Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC1240AECH Datasheet HTML 5Page - Microchip Technology TC1240AECH Datasheet HTML 6Page - Microchip Technology TC1240AECH Datasheet HTML 7Page - Microchip Technology TC1240AECH Datasheet HTML 8Page - Microchip Technology TC1240AECH Datasheet HTML 9Page - Microchip Technology TC1240AECH Datasheet HTML 10Page - Microchip Technology TC1240AECH Datasheet HTML 11Page - Microchip Technology TC1240AECH Datasheet HTML 12Page - Microchip Technology TC1240AECH Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21516D-page 9
TC1240/TC1240A
5.4
Input Supply Bypassing
The VIN input should be capacitively bypassed to
reduce AC impedance and minimize noise effects due
to
the
switching
internal
to
the
device.
The
recommended capacitor should be a large value (at
least equal to C1) connected from the input to GND.
5.5
Shutdown Input
The TC1240 and TC1240A are disabled when SHDN is
high, and enabled when SHDN is low. This input cannot
be allowed to float.
FIGURE 5-3:
Test Circuit.
5.6
Voltage Doubler
The most common application for charge pump
devices is the doubler (Figure 5-3). This application
uses two external capacitors – C1 and C2 (plus a power
supply bypass capacitor, if necessary). The output is
equal to 2 x VIN minus any voltage drops due to
loading. Refer to Table 5-1 and Table 5-2 for capacitor
selection.
3
1
2
4
5
C3
C1
C2
VIN
VOUT
RL
TC1240
TC1240A
C-
VIN
OUT
C+
GND
SHDN
6
+
+
+
Device
C1
C2
C3
TC1240
TC1240A
3.3 µF
3.3 µF
3.3 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com