Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1189-TECT Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1189-TECT
Description  MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1189-TECT Datasheet(HTML) 3 Page - Microchip Technology

  TC1189-TECT Datasheet HTML 1Page - Microchip Technology TC1189-TECT Datasheet HTML 2Page - Microchip Technology TC1189-TECT Datasheet HTML 3Page - Microchip Technology TC1189-TECT Datasheet HTML 4Page - Microchip Technology TC1189-TECT Datasheet HTML 5Page - Microchip Technology TC1189-TECT Datasheet HTML 6Page - Microchip Technology TC1189-TECT Datasheet HTML 7Page - Microchip Technology TC1189-TECT Datasheet HTML 8Page - Microchip Technology TC1189-TECT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
 2002-2012 Microchip Technology Inc.
DS21364C-page 3
TC1188/TC1189
Shutdown:
SHDN Input Threshold
V
IH
2.0
—
—
V
V
IL
——
0.4
V
SHDN Input Bias Current
Ishdn
—
0.1
100
nA
V
SHDN = VIN, TA = +25°C, TA = TMAX
—50
—
nA
V
SHDN = VIN, TA = +25°C, TA = TMAX
Shutdown Supply Current
Iqshdn
—
0.002
1
AV
OUT = 0V, TA = +25°C, TA = TMAX
—0.02
—
AV
OUT = 0V, TA = +25°C, TA = TMAX
Shutdown to Output Discharge
Delay (TC1189)
—1
—
msec
C
OUT = 1 F, no load at 10% of VOUT
Thermal Protection
Thermal Shutdown Temperature
T
SHDN
—
170
—
°C
Thermal Shutdown Hysteresis
T
SHDN
—20
—
°C
DC SPECIFICATIONS (CONTINUED)
Electrical Characteristics:
V
IN = +3.6V, GND = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.
(Note 1)
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Note
1:
Limits are 100% production tested at T
A = +25°C. Limits over the operating temperature range are ensured through cor-
relation using Statistical Quality Control (SQC) methods.
2:
Validated by line regulation test.
3:
Not tested. For design purposes, the current limit should be considered 150 mA minimum to 410 mA maximum.
4:
The dropout voltage is defined as (V
IN – VOUT) when VOUT is 100 mV below the value of VOUT for
V
IN = VOUT +2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com