Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1232CPA Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1232CPA
Description  Microprocessor Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1232CPA Datasheet(HTML) 2 Page - Microchip Technology

  TC1232CPA Datasheet HTML 1Page - Microchip Technology TC1232CPA Datasheet HTML 2Page - Microchip Technology TC1232CPA Datasheet HTML 3Page - Microchip Technology TC1232CPA Datasheet HTML 4Page - Microchip Technology TC1232CPA Datasheet HTML 5Page - Microchip Technology TC1232CPA Datasheet HTML 6Page - Microchip Technology TC1232CPA Datasheet HTML 7Page - Microchip Technology TC1232CPA Datasheet HTML 8Page - Microchip Technology TC1232CPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TC1232
DS21370D-page 2
Preliminary
 2002-2012 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Voltage on Any Pin (With Respect to GND)
...................................................... -0.3V to +5.8V
Operating Temperature Range:
C-Version ........................................ 0°C to +70°C
E-Version...................................... -40°C to +85°C
Storage Temperature Range: ............-65°C to +150°C
† Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, TA = TMIN to TMAX; VCC = +4.0V to 5.5V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Voltage
VCC
4.0
5.0
5.5
V
ST and PB RST Input High Level
VIH
2.0
—
VCC +0.3
V
Note 1
ST and PB RST Input Low Level
VIL
-0.3
—
+0.8
V
Input Leakage ST, TOL
IL
-1.0
—
+1.0
µA
Output Current RST
IOH
-1.0
-12
—
mA
VOH = 2.4V
Current RST, RST
IOL
2.0
10
—
mA
VOL = 0.4V
Operating Current
ICC
—
50
200
µA
Note 2
VCC 5% Trip Point
VCCTP
4.50
4.62
4.74
V
TOL = GND (Note 3)
VCC 10% Trip Point
VCCTP
4.25
4.37
4.49
V
TOL = VCC (Note 3)
Capacitance Electrical Characteristics: Unless otherwise noted, TA = +25°C. (Note 4)
Input Capacitance ST, TOL
CIN
——
5
pF
Output Capacitance RST, RST
COUT
——
7
pF
Note 1:
PB RST is internally pulled up to VCC with an internal impedance of typically 40 k.
2:
Measured with outputs open.
3:
All voltages referenced to GND.
4:
Ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com