Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD834JRZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD834JRZ
Description  500 MHz Four-Quadrant Multiplier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD834JRZ Datasheet(HTML) 3 Page - Analog Devices

  AD834JRZ Datasheet HTML 1Page - Analog Devices AD834JRZ Datasheet HTML 2Page - Analog Devices AD834JRZ Datasheet HTML 3Page - Analog Devices AD834JRZ Datasheet HTML 4Page - Analog Devices AD834JRZ Datasheet HTML 5Page - Analog Devices AD834JRZ Datasheet HTML 6Page - Analog Devices AD834JRZ Datasheet HTML 7Page - Analog Devices AD834JRZ Datasheet HTML 8Page - Analog Devices AD834JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD834
Rev. F | Page 3 of 20
SPECIFICATIONS
TA = 25°C and ±VS = ±5 V, unless otherwise noted; dBm assumes 50 Ω load. Specifications in boldface are tested on all production units
at final electrical test. Results from those tests are used to calculate outgoing quality levels.
Table 1.
Parameters
Conditions
Min
Typ
Max
Unit
MULTIPLIER PERFORMANCE
Transfer Function
( )
mA
V
4
1
×
=
2
XY
W
Total Error1
−1 V ≤ X, Y < +1 V
±0.5
±2
% FS
vs. Temperature (AD834A/AD834S Only)
TMIN to TMAX
±1.5
±3
% FS
vs. Supplies (All Models)2
±4 V to ±6 V
0.1
0.3
% FS/V
Linearity3
±0.5
±1
% FS
Bandwidth4
500
MHz
Feedthrough, X
X = ±1 V, Y = nulled
0.2
0.3
% FS
Feedthrough, Y
X = nulled, Y = ±1 V
0.1
0.2
% FS
AC Feedthrough, X5
X = 0 dBm, Y = nulled
f = 10 MHz
–65
dB
f = 100 MHz
–50
dB
AC Feedthrough, Y5
X = nulled, Y = 0 dBm
f = 10 MHz
–70
dB
f = 100 MHz
–50
dB
INPUTS (X1, X2, Y1, Y2)
Full-Scale Range
Differential
±1
V
Clipping Level
Differential
±1.1
±1.3
V
Input Resistance
Differential
25
kΩ
Offset Voltage
0.5
3
mV
vs. Temperature
TMIN to TMAX
10
μV/°C
4
mV
vs. Supplies2
±4 V to ±6 V
100
300
μV/V
Bias Current
45
µA
Common-Mode Rejection
f ≤ 100 kHz; 1 V p-p
70
dB
Nonlinearity, X
Y = 1 V; X = ±1 V
0.2
0.5
% FS
Nonlinearity, Y
X = 1 V; Y = ±1 V
0.1
0.3
% FS
Distortion, X
X = 0 dBm, Y = 1 V
f = 10 MHz
−60
dB
f = 100 MHz
−44
dB
Distortion, Y
X = 1 V, Y = 0 dBm
f = 10 MHz
–65
dB
f = 100 MHz
–50
dB
OUTPUTS (W1, W2)
Zero Signal Current
Each output
8.5
mA
Differential Offset
X = 0, Y = 0
±20
±60
μA
vs. Temperature
nA°C
All Models
TMIN to TMAX
40
AD834A/AD834S Only
±60
μA
Scaling Current
Differential
3.96
4
4.04
mA
Output Compliance
4.75
9
V
Noise Spectral Density
f = 10 Hz to 1 MHz
16
nV/√Hz
Outputs into 50 Ω Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com