Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD830JR Datasheet(PDF) 9 Page - Analog Devices

Part # AD830JR
Description  High Speed, Video Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830JR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD830JR Datasheet HTML 5Page - Analog Devices AD830JR Datasheet HTML 6Page - Analog Devices AD830JR Datasheet HTML 7Page - Analog Devices AD830JR Datasheet HTML 8Page - Analog Devices AD830JR Datasheet HTML 9Page - Analog Devices AD830JR Datasheet HTML 10Page - Analog Devices AD830JR Datasheet HTML 11Page - Analog Devices AD830JR Datasheet HTML 12Page - Analog Devices AD830JR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD830
Rev. C | Page 9 of 20
0.10
0.03
0.01
0.02
0.06
0.04
0.05
0.07
0.08
0.09
15
6
5
0.10
0.03
0.01
0
0
0.02
0.06
0.04
0.05
0.07
0.08
0.09
14
13
12
11
10
9
8
7
SUPPLY VOLTAGE (±V)
PHASE
GAIN
GAIN = +2
RL = 500Ω
FREQ = 4.5MHz
Figure 12. Differential Gain and Phase vs. Supply Voltage, RL = 500 Ω
–40
–100
2.00
–70
–90
0.50
–80
0.25
–50
–60
1.75
1.25
1.00
1.50
0.75
PEAK AMPLITUDE (V)
HD3 ±5V
100kHz
HD2 ±15V
100kHz
HD2 ±5V
100kHz
HD3 ±15V
100kHz
Figure 13. Harmonic Distortion vs. Peak Amplitude, Frequency = 100 kHz
50
10
M
0
1
100
40
20
1k
30
100k
1M
10k
FREQUENCY (Hz)
Figure 14. Noise Spectral Density
00
0.20
15
0.06
0.02
6
0.04
5
0.12
0.08
0.10
0.14
0.16
0.18
14
13
12
11
10
9
8
7
SUPPLY VOLTAGE (±V)
0.40
0.12
0.04
0.08
0.24
0.16
0.20
0.28
0.32
0.36
PHASE
GAIN
GAIN = +2
RL = 150Ω
FREQ = 4.5MHz
Figure 15. Differential Gain and Phase vs. Supply Voltage, RL = 150 Ω
–40
–100
2.00
–70
–90
0.50
–80
0.25
–50
–60
1.75
1.25
1.00
1.50
0.75
PEAK AMPLITUDE (V)
HD2 ±5V
4MHz
HD3 ±5V
4MHz
HD2 ±15V
4MHz
HD3 ±15V
4MHz
Figure 16. Harmonic Distortion vs. Peak Amplitude, Frequency = 4 MHz
JUNCTION TEMPERATURE (°C)
15.00
12.25
140
13.00
12.50
–40
12.75
–60
13.75
13.25
13.50
14.00
14.25
14.50
14.75
120
100
80
60
40
20
0
–20
±16.5VS
±5VS
Figure 17. Supply Current vs. Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com