Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1583ARTZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD1583ARTZ-R2
Description  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1583ARTZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1583ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD1583ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD1583ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD1583ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD1583ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD1583ARTZ-R2 Datasheet HTML 13Page - Analog Devices AD1583ARTZ-R2 Datasheet HTML 14Page - Analog Devices AD1583ARTZ-R2 Datasheet HTML 15Page - Analog Devices AD1583ARTZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
AD1582/AD1583/AD1584/AD1585
Rev. J | Page 15 of 16
OUTLINE DIMENSIONS
3.04
2.90
2.80
COMPLIANT TO JEDEC STANDARDS TO-236-AB
1
2
3
SEATING
PLANE
2.64
2.10
1.40
1.30
1.20
2.05
1.78
0.100
0.013
1.03
0.89
0.60
0.45
0.51
0.37
1.12
0.89
0.180
0.085
0.25
0.54
REF
GAUGE
PLANE
0.60 MAX
0.30 MIN
1.02
0.95
0.88
Figure 27. 3-Lead Small Outline Transistor Package [SOT-23-3]
(RT-3)
Dimensions shown in millimeters
20.20
MIN
1.00 MIN
0.75 MIN
1.10
1.00
0.90
1.50 MIN
7” REEL 100.00
OR
13” REEL 330.00
7” REEL 50.00 MIN
OR
13” REEL 100.00 MIN
DIRECTION OF UNREELING
0.35
0.30
0.25
2.80
2.70
2.60
1.55
1.50
1.45
4.10
4.00
3.90
1.10
1.00
0.90
2.05
2.00
1.95
8.30
8.00
7.70
3.20
3.10
2.90
3.55
3.50
3.45
13.20
13.00
12.80
14.40 MIN
9.90
8.40
6.90
Figure 28. SOT-23 Tape and Reel Outline Dimension
(RT-3)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com