Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD830JRZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD830JRZ-R7
Description  High Speed, Video Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD830JRZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD830JRZ-R7 Datasheet HTML 12Page - Analog Devices AD830JRZ-R7 Datasheet HTML 13Page - Analog Devices AD830JRZ-R7 Datasheet HTML 14Page - Analog Devices AD830JRZ-R7 Datasheet HTML 15Page - Analog Devices AD830JRZ-R7 Datasheet HTML 16Page - Analog Devices AD830JRZ-R7 Datasheet HTML 17Page - Analog Devices AD830JRZ-R7 Datasheet HTML 18Page - Analog Devices AD830JRZ-R7 Datasheet HTML 19Page - Analog Devices AD830JRZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD830
Rev. C | Page 17 of 20
75
Ω
75
Ω
VP
VOUT
VN
AD830
1
2
3
4
8
7
6
5
A = 1
GM
GM
C
0.1µF
0.1µF
VIN
Figure 44. Full Bandwidth Line Driver (G = +2)
SUPPLY VOLTAGE (±V)
0.05
0.01
5
1
5
1
2
1
73
1
0.04
0.06
0.07
0.09
4
GAIN
PHASE
GAIN = +2
RL = 150Ω
FREQ = 3.58MHz
0 TO 0.7V
11
10
9
8
6
0.02
0.03
0.10
0.08
0.16
0.04
0.06
0.14
0.18
0.02
0.12
0.10
0.08
0.20
FREQUENCY (Hz)
0.2
10k
–0.8
100k
1M
10M
100M
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
VS = ±15V
RL = 150Ω
GAIN = +2
VS = ±10V
VS = ±5V
Figure 46. 0.1 dB Gain Flatness for the Circuit of Figure 44
AC-COUPLED LINE RECEIVER
The AD830 is configurable as an ac-coupled differential
amplifier on a single- or bipolar-supply voltage. All that is
needed is inclusion of a few noncritical passive components, as
illustrated in Figure 47. A simple resistive network at the X GM
input establishes a common-mode bias. Here, the common
mode is centered at 6 V, but in principle can be any voltage
within the common-mode limits of the AD830. The 10 kΩ
resistors to each input bias the X GM stage with sufficiently high
impedance to keep the input coupling corner frequency low, but
not too large so that residual bias current induced offset voltage
becomes troublesome. For dual-supply operation, the 10 kΩ
resistors may go directly to ground. The output common is
conveniently set by a Zener diode for a low impedance
reference to preserve the high frequency CMR. However, a
simple resistive divider works fine, and good high frequency
CMR can be maintained by placing a compensating resistor in
series with the +Y input. The excellent CMRR response of the
circuit is shown in Figure 48. A plot of the 0.1 dB flatness from
10 Hz is also shown. With the use of 10 μF capacitors, the CMR
is >90 dB down to a few tens of hertz. This level of performance
is almost impossible to achieve with discrete solutions.
Figure 45. Differential Gain and Phase for the Circuit of Figure 44
75
Ω
75
Ω
+12V
VOUT
1000µF
10µF
10µF
AD830
1
2
3
4
8
7
6
5
A = 1
GM
GM
C
0.1µF
ZCM
75
Ω
COAX
CABLE
+12V
4.7k
Ω
6.8V
1N4736
INPUT
SIGNAL
RT
10k
Ω
10k
Ω
2k
Ω*
+VS
10k
Ω
10k
Ω
*OPTIONAL TUNING FOR IMPROVING
VERY LOW FREQUENCY CMR.
Figure 47. AC-Coupled Line Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com