Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1584ARTZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1584ARTZ-R2
Description  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1584ARTZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1584ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD1584ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD1584ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD1584ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD1584ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD1584ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD1584ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD1584ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD1584ARTZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD1582/AD1583/AD1584/AD1585
Data Sheet
Rev. J | Page 8 of 16
TERMINOLOGY
Temperature Coefficient (TCVO)
The change of output voltage over the operating temperature
change and normalized by the output voltage at 25°C, expressed
in ppm/°C. The equation follows
[
]
( )
( )
(
)
(
)
6
10
25
C
ppm/
×
−
×
°
−
=
°
1
2
O
1
O
2
O
O
T
T
C
V
T
V
T
V
TCV
where:
VO (25°C) = VO @ 25°C.
VO (T1) = VO @ Temperature 1.
VO (T2) = VO @ Temperature 2.
Line Regulation (ΔVO/ΔVIN) Definition
The change in output voltage due to a specified change in input
voltage. It includes the effects of self-heating. Line regulation is
expressed in either percent per volt, parts per million per volt,
or microvolts per volt change in input voltage.
Load Regulation (ΔVO/ΔILOAD)
The change in output voltage due to a specified change in load
current. It includes the effects of self-heating. Load regulation
is expressed in either microvolts per milliampere, parts per
million per milliampere, or ohms of dc output resistance.
Long-Term Stability (ΔVO)
Typical shift of output voltage at 25°C on a sample of parts
subjected to an operation life test of 1000 hours at 125°C.
( )
( )
1
O
0
O
O
t
V
t
V
V
−
=
∆
[
]
( )
( )
( )
6
10
ppm
×
−
=
∆
0
O
1
O
0
O
O
t
V
t
V
t
V
V
where:
VO (t0) = VO @25°C at Time 0.
VO (t1) = VO @ 25°C after 1000 hours of operation at 125°C.
Thermal Hysteresis (VO_HYS)
The change of output voltage after the device is cycled through
temperatures from +25°C to −40°C to +85°C and back to +25°C.
This is a typical value from a sample of parts put through
such a cycle
(
)
TC
O
O
HYS
O
V
C
V
V
_
_
25
−
°
=
[
]
(
)
(
)
6
_
_
10
25
25
ppm
×
°
−
°
=
C
V
V
C
V
V
O
TC
O
O
HYS
O
where:
VO (25°C) = VO at 25°C.
VO_TC = VO at 25°C after temperature cycle at +25°C to −40°C to
+85°C and back to +25°C.
Operating Temperature
The temperature extremes at which the device can still function.
Parts can deviate from their specified performance outside the
specified temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com