Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2014 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC2014
Description  50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2014 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC2014_13 Datasheet HTML 8Page - Microchip Technology TC2014_13 Datasheet HTML 9Page - Microchip Technology TC2014_13 Datasheet HTML 10Page - Microchip Technology TC2014_13 Datasheet HTML 11Page - Microchip Technology TC2014_13 Datasheet HTML 12Page - Microchip Technology TC2014_13 Datasheet HTML 13Page - Microchip Technology TC2014_13 Datasheet HTML 14Page - Microchip Technology TC2014_13 Datasheet HTML 15Page - Microchip Technology TC2014_13 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TC2014/2015/2185
DS21662F-page 12
 2001-2012 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
6.2
Taping Form
&represents part number code + temperature
range and voltage
represents year and 2-month period code
represents lot ID number

TABLE 6-1:
PART NUMBER CODE AND
TEMPERATURE RANGE
(V)
TC2014
TC2015
TC2185
1.8
PA
RA
UA
2.5
PB
RB
UB
2.6
PH
RH
UH
2.7
PC
RC
UC
2.8
PD
RD
UD
2.85
PE
RE
UE
3.0
PF
RF
UF
3.3
PG
RG
UG
5.0
PJ
RJ
UJ
Carrier Tape, Number of Components Per Reel and Reel Size:
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
5-Pin SOT-23A
8 mm
4 mm
3000
7 in.
Component Taping Orientation for 5-Pin SOT-23A (EIAJ SC-74A) Devices
Device
Marking
PIN 1
User Direction of Feed
Standard Reel Component Orientation
for 713 Suffix Device
(Mark Right Side Up)
W
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com