Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2DU1 Datasheet(PDF) 13 Page - Altech corporation

Part # 2DU1
Description  Typical UL508 Application
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

2DU1 Datasheet(HTML) 13 Page - Altech corporation

Back Button 2DU1 Datasheet HTML 9Page - Altech corporation 2DU1 Datasheet HTML 10Page - Altech corporation 2DU1 Datasheet HTML 11Page - Altech corporation 2DU1 Datasheet HTML 12Page - Altech corporation 2DU1 Datasheet HTML 13Page - Altech corporation 2DU1 Datasheet HTML 14Page - Altech corporation 2DU1 Datasheet HTML 15Page - Altech corporation 2DU1 Datasheet HTML 16Page - Altech corporation 2DU1 Datasheet HTML 17Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
AltechCorp.®•35RoyalRoad•Flemington,NJ08822-6000•Phone(908)806-9400•FAX(908)806-9490•www.altechcorp.com
31
Rated
Current BC
D
E
G
Z
(Amp) (Ohms) (Ohms) (Ohms) (Ohms) (Ohms) (Ohms)
0.3
— 16.8620 16.8620 14.52000 16.8620 31.5060
0.5
—
6.8540 6.0009 5.92000 6.8540 10.2460
0.75/0.8 —
3.0540 3.0540 2.70000 3.0540 5.3920
1.0
—
1.7000 1.7560 1.48000 1.7560 2.6910
1.6
—
0.5870 0.5870 0.57400 0.5870 0.9440
2.0
—
0.4190 0.4190 0.40500 0.4190 0.8900
2.5
—
0.2950 0.2950 0.26900 0.2950 0.4290
3.0
—
0.2020 0.2020 0.18600 0.2020 0.3460
3.5
—
0.1390 0.1390 0.13900 0.1390 0.1790
4.0
—
0.1090 0.1090 0.10600 0.1090 0.1620
5.0
—
0.0654 0.0654 0.05900 0.0654 0.1050
6.0
0.0528 0.0528 0.0491 0.04600 0.0491 0.0823
8.0
—
0.0278 0.0240 0.03040 0.0333 0.0371
10
0.0216 0.0216 0.0187 0.02020 0.0211 0.0278
12/12.5 ——
—
0.00724 0.0084 0.0151
13
0.0113 0.0084 0.0085 0.00724 0.0084 0.0151
15/16 0.0085 0.0085 0.0076 0.00731 0.0076 0.0114
20
0.0067 0.0067 0.0064 0.00582 0.0064 0.0075
25
0.0050 0.0050 0.0041 0.00411 0.0046 0.0050
30/32 0.0032 0.0032 0.0027 0.00272 0.0030 0.0032
40
0.0025 0.0025 0.0022 0.00212 0.0022 0.0022
50
0.0019 0.0019 0.0018 0.00184 0.0019 0.00195
60/63 0.0018 0.0018 0.0017 0.00172 0.00179 —
TripCharacteristic
V-EAINTERNALRESISTANCE
Resistanceslistedare“hot”values,as
opposedtocoldstartvalues.Operating
voltagedropacrosstheV-EAandpower
lossperpolecanbeapproximatedwith
basicformulas:
VDROP =IOPERATING xRTABLE
PLOSSP/P=I2OPERATING xRTABLE
Voltagedropsshouldbereviewedwhen
V-EAswithhighinternalresistanceare
used(e.g.,loadvoltageminimums).
Powerlossshouldbereviewedwhen
V-EAswithhighratedcurrentsareused
(e.g.,enclosureheating).
ThelistedV-EAinternalresistance
valuesshouldnotbeusedin
calculationsofavailableshort-circuit
currentdownstreamoftheV-EA.The
dynamicimpedanceoftheV-EAunder
short-circuitconditionscanvary
significantlyfrominternalresistance
valuesinnormaloperation.
FrequencyEffectsonMagneticTripCurves
Trip TripZone TripZone TripZone TripZone TripZone
Curve At
At
At
At
At
162/3-60Hz 100Hz 200Hz 400Hz
DC
(xRC) (xRC) (xRC)
(xRC)
(xRC)
Z
2-3
2.2-3.3 2.4-3.6 2.8-4.2 3.0- 4.5
B
3-5
3.3-5.5 3.6-6.0 4.2-7.0 4.5- 7.5
C 5-10 5.5-11.0 6.0-12 7.0-14.0 7.5-15.0
G 8-10 8.8-11.0 9.6-12.0 11.2-14.0 12.0-15.0
D 10-16 11.0-17.6 12.0-19.2 14.0-22.4 15.0-24.0
E 14-18 15.4-19.8 16.8-21.6 19.6-25.2 21.0-27.0
LINE CURRENT FREQUENCY EFFECTS ON TRIP CURVES
Thethermaltripisnotaffectedbythefrequencyoftheline
current.Themagnetictripiswithinthetripzoneofthe
characteristiccurveforfrequenciesfrom162/3to60Hz. At
lowerandhigherfrequencies,themagnetictripwillbe
delayedlongerthanindicatedbythecharacteristiccurve,
roughlyasfollows:
At100Hz: Mag.TripCurrent=1.1xcurvecurrent
At200Hz: Mag.TripCurrent=1.2xcurvecurrent
At400Hz: Mag.TripCurrent=1.4xcurvecurrent
AtDC: Mag.TripCurrent=1.5xcurvecurrent
Forexample,at162/3-60Hzthemagnetictripzonefor
the“G”characteristicis8to10timestheratedcurrentof
thespecificV-EA(i.e.,holdforatleast100msat8xRC,
tripinlessthan100msat10xRC). Witha400Hzcurrent,
amagnetictripat10xRCwouldbegreatlydelayed
(thermalwouldlikelytripfirst),asthemagnetictripzoneis
now11.2to14xRC. Ifaquickermagnetictripisrequired
with400Hz,the“B”or“C”characteristicshouldbe
considered.
MECHANICAL ENDURANCE RATINGS (ON/OFF OPERATIONS)
Application
2x(1.15xRC) 2xRC
RC NoLoad Total
ACGeneralUse
—
6000
—
4000
10000
ACMotorStartingAcrosstheLine
1000
—
5000
4000
10000
ACIncandescentLamps(Tungsten)
——
6000
4000
10000
ACElectricalDischargeLamps(Ballast)
—
6000
—
4000
10000
ACResistance
—
6000
—
4000
10000
Manufacturersselfcertification
20000ON/OFFoperationswithnoload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com