Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34.112 Datasheet(PDF) 1 Page - Altech corporation

Part # 34.112
Description  FIXED PRINTED CIRCUIT US Pin Spacinga Tubular Screw Clamp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

34.112 Datasheet(HTML) 1 Page - Altech corporation

  34.112 Datasheet HTML 1Page - Altech corporation 34.112 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Altech Corp.® • 35 Royal Road • Flemington NJ 08822-6000 • Phone (908) 806-9400 • Fax (908) 806-9490
110
FIXED PRINTED CIRCUIT
US Pin Spacinga
Tubular Screw Clamp
For wire-to-board connections in lighter
duty applications with strict budgets and
where infrequent wire terminations are
expected.
The AK(Z)110 is available in Top Wire
Entry. Please contact Altech for informa-
tion.
• Multipole, Modular Design
• Wire Protector Standard
• Housing Material: Polyamide 6.6
• Standard Color: Gray
Wire Range
Current
Voltage
0.5-1.5mm2
16A
250V
22-14 AWG
15A
300V
22-14 AWG
15A
300V
Wire Range
Current
Voltage
0.5-1.5mm2
16A
250V
22-14 AWG
15A
300V
22-14 AWG
15A
300V
IEC/VDE
(File No. E101811)
(File No. LR68503)
Ratings
aBlocks with metric pin spacing
begin on page 132.
Pin Spacing 5.08mm (.200)
Stripping Length 6mm (.236)
Screw Hole Diameter 3mm (.118)
Pin Spacing 5mm (.197)b
Stripping Length 5mm (.197)
Screw Hole Diameter 3mm (.118)
AK(Z)505
Top Wire Entry
Front Wire Entry
AKZ500
No. of
Ordering Information
Poles
Terminal Block, US (Inch) Pin Spacing
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
AK(Z)505/2wp
30.752
10.00 ( .39)
100
AK(Z)505/3wp
30.753
15.00 ( .59)
100
AK(Z)505/4wp
30.754
20.00 ( .79)
50
AK(Z)505/5wp
30.755
25.00 ( .99)
50
AK(Z)505/6wp
30.756
30.00 (1.18)
50
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
AKZ500/2wp
34.102
10.16 ( .40)
100
AKZ500/3wp
34.103
15.24 ( .60)
100
AKZ500/4wp
34.104
20.32 ( .80)
50
AKZ500/5wp
34.105
25.40 (1.00)
50
AKZ500/6wp
34.106
30.48 (1.20)
50
AKZ500/7wp
34.107
35.56 (1.40)
30
AKZ500/8wp
34.108
40.64 (1.60)
30
AKZ500/9wp
34.109
45.72 (1.80)
30
AKZ500/10wp
34.110
50.80 (2.00)
30
AKZ500/11wp
34.111
55.88 (2.20)
20
AKZ500/12wp
34.112
60.98 (2.40)
20
AKZ500/13wp
34.113
66.04 (2.60)
20
AKZ500/14wp
34.114
71.14 (2.80)
20
AKZ500/15wp
34.115
76.20 (3.00)
20
AKZ500/16wp
34.116
81.28 (3.20)
15
AKZ500/17wp
34.117
86.36 (3.40)
15
AKZ500/18wp
34.118
91.44 (3.60)
15
AKZ500/19wp
34.119
96.52 (3.80)
15
AKZ500/20wp
34.120
101.60 (4.00)
15
AKZ500/21wp
34.121
106.68 (4.20)
10
AKZ500/22wp
34.122
111.76 (4.40)
10
AKZ500/23wp
34.123
116.84 (4.60)
10
AKZ500/24wp
34.124
121.92 (4.80)
10
bAppropriate for use in US (inch) pin spacings up to the
number of poles shown.
Dimensions
mm
in.
mm
in.
0.60
0.024
3.70
0.146
0.70
0.028
3.90
0.154
0.90
0.035
4.00
0.157
1.00
0.039
4.50
0.177
1.10
0.043
5.08
0.200
2.00
0.079
7.50
0.295
2.60
0.102
9.00
0.354
2.70
0.106
10.00
0.394
3.10
0.122
12.50
0.492
3.40
0.134
13.00
0.512
3.50
0.138
®
®
1.1mm
®
®
®
®
5.08mm
®
®
2.6mm
®
®
ø0.9mm
®
0.6mm
®
L
®
7.5mm
®
®
3.5mm
®
7.5mm
®
®
3.7mm
®
®
®
®
®
L
®
0.6mm
NEXT
FIND IT


Similar Part No. - 34.112

ManufacturerPart #DatasheetDescription
logo
Altech corporation
34.112 ALTECH-34.112 Datasheet
38Kb / 1P
FIXED PRINTED CIRCUIT
More results

Similar Description - 34.112

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AKZ500 ALTECH-AKZ500 Datasheet
542Kb / 20P
FIXED PRINTED CIRCUIT
30.306 ALTECH-30.306 Datasheet
46Kb / 1P
Metric Pin Spacinga Tubular Screw Clamp Plug
30.359 ALTECH-30.359 Datasheet
32Kb / 1P
Metric Pin Spacinga Pin Headers
30.102 ALTECH-30.102 Datasheet
66Kb / 2P
FIXED PRINTED CIRCUIT
34.102 ALTECH-34.102 Datasheet
38Kb / 1P
FIXED PRINTED CIRCUIT
36.053 ALTECH-36.053 Datasheet
543Kb / 20P
FIXED PRINTED CIRCUIT
30.503 ALTECH-30.503 Datasheet
494Kb / 19P
Metric Pin Spacinga Tubular Screw Clamp
30.606 ALTECH-30.606 Datasheet
37Kb / 1P
Metric Pin Spacinga Screw-Cage Clamp
33.053 ALTECH-33.053 Datasheet
543Kb / 20P
US Pin Spacinga Tubular Screw Clamp
36.464 ALTECH-36.464 Datasheet
36Kb / 1P
US Pin Spacinga Screw-Cage Clamp Plug and Headers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com