Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4424EPA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC4424EPA
Description  3A Dual High-Speed Power MOSFET Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4424EPA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC4424EPA Datasheet HTML 3Page - Microchip Technology TC4424EPA Datasheet HTML 4Page - Microchip Technology TC4424EPA Datasheet HTML 5Page - Microchip Technology TC4424EPA Datasheet HTML 6Page - Microchip Technology TC4424EPA Datasheet HTML 7Page - Microchip Technology TC4424EPA Datasheet HTML 8Page - Microchip Technology TC4424EPA Datasheet HTML 9Page - Microchip Technology TC4424EPA Datasheet HTML 10Page - Microchip Technology TC4424EPA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2002-2012 Microchip Technology Inc.
DS21421E-page 7
TC4423/TC4424/TC4425
Typical Performance Curves (Continued)
Note: Load on single output only
FIGURE 2-13:
Supply Current vs.
Capacitive Load.
FIGURE 2-14:
Supply Current vs.
Capacitive Load.
FIGURE 2-15:
Supply Current vs.
Capacitive Load.
FIGURE 2-16:
Supply Current vs.
Frequency.
FIGURE 2-17:
Supply Current vs.
Frequency.
FIGURE 2-18:
Supply Current vs.
Frequency.
100
1000
10,000
60
50
40
30
20
10
0
355 kHz
200 kHz
35.5 kHz
634 kHz
C
LOAD (pF)
112.5 kHz
20 kHz
63.4 kHz
VDD = 18V
100
1000
10,000
2 MHz
1.125 MHz
634 kHz
355 kHz
200 kHz
112.5 kHz
63.4 kHz
20 kHz
90
80
70
60
50
40
30
20
10
0
C
LOAD (pF)
VDD = 12V
100
1000
10,000
634 kHz
355 kHz
112.5 kHz
20 kHz
2 MHz
1.125 MHz
3.55 MHz
120
100
80
60
40
20
0
C
LOAD (pF)
VDD = 6V
10,000 pF
Frequency (kHz)
60
50
40
30
20
10
0
10
100
1000
3300 pF
100 pF
1000 pF
VDD = 18V
10,000 pF
10
100
1000
Frequency (kHz)
90
80
70
60
50
40
30
20
10
0
100 pF
3300 pF
1000 pF
VDD = 12V
10
100
1000
Frequency (kHz)
1000 pF
4700 pF
100 pF
120
100
80
60
40
20
0
10,000 pF
2200 pF
VDD = 6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com