Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4626 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC4626
Description  Power CMOS Drivers With Voltage Tripler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4626 Datasheet(HTML) 2 Page - Microchip Technology

  TC4626_13 Datasheet HTML 1Page - Microchip Technology TC4626_13 Datasheet HTML 2Page - Microchip Technology TC4626_13 Datasheet HTML 3Page - Microchip Technology TC4626_13 Datasheet HTML 4Page - Microchip Technology TC4626_13 Datasheet HTML 5Page - Microchip Technology TC4626_13 Datasheet HTML 6Page - Microchip Technology TC4626_13 Datasheet HTML 7Page - Microchip Technology TC4626_13 Datasheet HTML 8Page - Microchip Technology TC4626_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TC4626/TC4627
DS21426C-page 2
 2001-2012 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage ......................................................6.2V
Input Voltage, Any Terminal
..................................... VS + 0.3V to GND – 0.3V
Package Power Dissipation (TA 70°C)
PDIP .........................................................730mW
CERDIP....................................................800mW
SOIC ........................................................760mW
Derating Factor
PDIP .......5.6 mW/°C Above 36°C
CERDIP................................................6.0mW/°C
Operating Temperature Range (Ambient)
C Version......................................... 0°C to +70°C
E Version ...................................... -40°C to +85°C
M Version ...................................-55°C to +125°C
Storage Temperature Range ..............-65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC4626/TC4627 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA = +25°C, VDD= 5V, C1 = C2 = C3 10F unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Input
VIH
Logic 1, High Input Voltage
2.4
—
—
V
VIL
Logic 0, Low Input Voltage
—
—
0.8
V
IIN
Input Current
-1
—
1
A0VV
INVDRIVE
Output
VOH
High Output Voltage
VBOOST – 0.025
—
—
V
VOL
Low Output Voltage
—
—
0.025
V
RO
Output Resistance, High
—
10
15
IOUT = 10mA, VDD = 5V
RO
Output Resistance, Low
—
8
10
IOUT = 10mA, VDD = 5V
IPK
Peak Output Current
—
1.5
—
A
Switching Time
tR
Rise Time
—
33
40
nsec
Figure 3-1, Figure 3-2
tF
Fall Time
—
27
35
nsec
Figure 3-1, Figure 3-2
tD1
Delay Time
—
35
45
nsec
Figure 3-1, Figure 3-2
tD2
Delay Time
—
45
55
nsec
Figure 3-1, Figure 3-2
FMAX
Maximum Switching Frequency
1.0
—
—
MHz
VDD = 5V, VBOOST > 8.5V,
Figure 3-1
Voltage Booster
R3
Voltage Tripler Output
Source Resistance
—
300
400
IL = 10mA, VDD = 5V
R2
Voltage Doubler Output
Source Resistance
—
120
200
FOSC
Oscillator Frequency
12
—
28
kHz
VOSC
Oscillator Amplitude Measured
at C1-
4.5
—
10
V
RLOAD = 10k
UV @VBOOST
Undervoltage Threshold
7.0
7.8
8.5
V
VSTART @VBOOST
Start Up Voltage
10.5
11.3
12
V
VBOOST
@VDD = 5V
14.6
—
—
V
No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com