Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4627 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC4627
Description  Power CMOS Drivers With Voltage Tripler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4627 Datasheet(HTML) 5 Page - Microchip Technology

  TC4627 Datasheet HTML 1Page - Microchip Technology TC4627 Datasheet HTML 2Page - Microchip Technology TC4627 Datasheet HTML 3Page - Microchip Technology TC4627 Datasheet HTML 4Page - Microchip Technology TC4627 Datasheet HTML 5Page - Microchip Technology TC4627 Datasheet HTML 6Page - Microchip Technology TC4627 Datasheet HTML 7Page - Microchip Technology TC4627 Datasheet HTML 8Page - Microchip Technology TC4627 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21426C-page 5
TC4626/TC4627
3.0
APPLICATIONS INFORMATION
FIGURE 3-1:
INVERTING DRIVER
SWITCHING TIME
FIGURE 3-2:
NONINVERTING DRIVER
SWITCHING TIME
0.1
μF Ceramic
VBOOST
+5V
10%
90%
10%
90%
10%
90%
0V
0V
TC4626
C1+
C1-
VDD = 5V
C2
VBOOST
38
7
1
6
5
2
4
CL = 1000pF
Input
Input
Output
tD1
tF
tD2
Input: 100kHz,
square wave,
tRISE = tFALL ≤ 10nsec
Output
tR
C1
10
μF
C2
10
μF
C3
10
μF
0.1
μF Ceramic
VBOOST
+5V
TC4627
C1+
C1-
VDD = 5V
C2
VBOOST
38
7
1
6
5
2
4
CL = 1000pF
Input
Input
Output
tD1
tF
tD2
Input: 100kHz,
square wave,
tRISE = tFALL ≤ 10nsec
Output
tR
C1
10
μF
C2
10
μF
C3
10
μF
90%
10%
10%
10%
90%
0V
0V
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com