Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7416ARM Datasheet(PDF) 3 Page - Analog Devices

Part # AD7416ARM
Description  10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7416ARM Datasheet(HTML) 3 Page - Analog Devices

  AD7416ARM Datasheet HTML 1Page - Analog Devices AD7416ARM Datasheet HTML 2Page - Analog Devices AD7416ARM Datasheet HTML 3Page - Analog Devices AD7416ARM Datasheet HTML 4Page - Analog Devices AD7416ARM Datasheet HTML 5Page - Analog Devices AD7416ARM Datasheet HTML 6Page - Analog Devices AD7416ARM Datasheet HTML 7Page - Analog Devices AD7416ARM Datasheet HTML 8Page - Analog Devices AD7416ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD7416/AD7417/AD7418
Rev. I | Page 3 of 24
An I2C® compatible serial interface allows the AD7416/AD7417/
AD7418 registers to be written to and read back. The three
LSBs of the AD7416/AD7417 serial bus address can be selected,
which allows up to eight AD7416/AD7417 devices to be connected
to a single bus.
The AD7417 is available in a narrow body, 0.15 inch, 16-lead,
small outline package (SOIC) and in a 16-lead, thin shrink,
small outline package (TSSOP). The AD7416 and AD7418 are
available in 8-lead SOIC and MSOP packages.
PRODUCT HIGHLIGHTS
1.
The AD7416/AD7417/AD7418 have an on-chip temperature
sensor that allows an accurate measurement of the ambient
temperature (±1°C @ 25°C, ±2°C overtemperature) to be
made. The measurable temperature range is −40°C to
+125°C. An overtemperature indicator is implemented by
carrying out a digital comparison of the ADC code for
Channel 0 (temperature sensor) with the contents of the
on-chip TOTI setpoint register.
2.
The AD7417 offers a space-saving, 10-bit analog-to-digital
solution with four external voltage input channels, an on-
chip temperature sensor, an on-chip reference, and a clock
oscillator.
3.
The automatic power-down feature enables the AD7416/
AD7417/AD7418 to achieve superior power performance.
At slower throughput rates, the part can be programmed to
operate in a low power shutdown mode, allowing further
savings in power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com