Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8971.2 Datasheet(PDF) 2 Page - Altech corporation

Part # 8971.2
Description  INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

8971.2 Datasheet(HTML) 2 Page - Altech corporation

  8971.2 Datasheet HTML 1Page - Altech corporation 8971.2 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
8
No. of
Module Length
Std.
Ordering Information
Diodes
Diode
Type
Cat. No.
(L) mm (in.)
Pk.
Series Connection, 1A diodes
4
1N4007
DM4-S
8971.2
22 ( .87)
1
Series Connection, 1A diodes
8
1N4007
DM8-S
5702.2
42 (1.65)
1
Series Connection, 1A diodes
12
1N4007
DM12-S
5703.2
62 (2.44)
1
Series Connection, 1A diodes
16
1N4007
DM16-S
8973.2
90 (3.54)
1
Series Connection, 1A diodes
20
1N4007
DM20-S
8974.2
110 (4.33)
1
Series Connection, 1A diodes
24
1N4007
DM24-S
8975.2
130 (5.12)
1
Series Connection, 3A diodes
4
1N5408
DM4-S3
8971.3
22 ( .87)
1
Series Connection, 3A diodes
8
1N5408
DM8-S3
5702.3
42 (1.65)
1
Series Connection, 3A diodes
12
1N5408
DM12-S3
5703.3
62 (2.44)
1
Series Connection, 3A diodes
16
1N5408
DM16-S3
8973.3
90 (3.54)
1
Series Connection, 3A diodes
20
1N5408
DM20-S3
8974.3
110 (4.33)
1
Series Connection, 3A diodes
24
1N5408
DM24-S3
8975.3
130 (5.12)
1
Bussed Anodes, 1A diodes
6
1N4007
DM6-A-S
8842.2
22 ( .87)
1
Bussed Anodes, 1A diodes
14
1N4007
DM14-A-S
5704.2
42 (1.65)
1
Bussed Anodes, 1A diodes
22
1N4007
DM22-A-S
5705.2
62 (2.44)
1
Bussed Cathodes, 1A diodes
6
1N4007
DM6-K-S
8850.2
22 ( .87)
1
Bussed Cathodes, 1A diodes
14
1N4007
DM14-K-S
5706.2
42 (1.65)
1
Bussed Cathodes, 1A diodes
22
1N4007
DM22-K-S
5707.2
62 (2.44)
1
Wire Range
Voltage
0.5-4mm
2
22-12 AWG
250V
Specifications:
Diode: 1N4007 or equivalent
Rated Current: 1A
Diode: 1N5408 or equivalent
Rated Current: 3A
Maximum Blocking Voltage - 1000V DC
Rated Bus Current: 10A
(12A at 30˚C (86˚F) Temperature Rise)
INTERFACES
Diode Module
35 or 32mm DIN Rail Mount
Wire individually labeled diodes into
existing circuits for freewheeling, DC
inductive kick suppression (commutating),
reverse DC polarity protection, etc. Use
bussed diodes for distribution of logic Vcc or
ground, or gather and decouple electrical
signals for lamp testing or collective fault
messages. Use as commutating diodes
across inductive loads such as DC relays,
solenoid valves, actuator magnets, etc. to
suppress voltage surges.
Standard modules include series connection
diode circuits in 1 Amp and 3 Amp versions,
and diode gates with bussed anodes or
cathodes.
• Screw-Cage Clamp Connections
• Special Configurations Available
• DIN Rail Mount, Panel Mount Available
DM
Diode Module
L
TS35x7.5 56mm (2.21 in.)
TS32x15
61mm (2.40 in.)
DIODE MODULES & COMPONENT CARRIERS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com