Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4626CPA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC4626CPA
Description  Power CMOS Drivers With Voltage Tripler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4626CPA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC4626CPA Datasheet HTML 3Page - Microchip Technology TC4626CPA Datasheet HTML 4Page - Microchip Technology TC4626CPA Datasheet HTML 5Page - Microchip Technology TC4626CPA Datasheet HTML 6Page - Microchip Technology TC4626CPA Datasheet HTML 7Page - Microchip Technology TC4626CPA Datasheet HTML 8Page - Microchip Technology TC4626CPA Datasheet HTML 9Page - Microchip Technology TC4626CPA Datasheet HTML 10Page - Microchip Technology TC4626CPA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21426C-page 7
TC4626/TC4627
4.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
TC4626 VOH vs. Frequency
5
500 1,000 1,500 2,000 2,500
3,000 3,500
16
14
12
10
8
6
4
2
0
FREQUENCY (kHz)
470pF
2200pF
1000pF
VS = 5V
TA = -55°C
FREQUENCY (kHz)
TC4626 VOH vs. Frequency
5
500 1,000 1,500 2,000 2,500
3,000 3,500
14
12
10
8
6
4
2
0
470pF
2200pF
1000pF
VS = 5V
TA = 125°C
-40
-20
0
20
40
60
80
60
50
40
30
20
0
Delay Time vs. Temperature
100
10
120
VS = 5V
CLOAD = 1000pF
Input = 0-5V;
TR & TF <10nsec;
@ <20kHz
TEMPERATURE (
°C)
tD2
tD1
tRISE
tFALL
14
12
10
8
6
4
2
0
10
500 1,000 1,500 2,000 2,500
3,000 3,500
FREQUENCY (kHz)
470pF
2200pF
1000pF
VS = 5V
TA = 25°C
TC4626 VOH vs. Frequency
-40 -20
0
20
40
60
80
100
80
60
40
20
0
Delay Time vs. Temperature
100
120
Input = 0-5V;
TR & TF <10nsec;
@ <20kHz
VS = 4V
CLOAD = 1000pF
TEMPERATURE (
°C)
tD2
tD1
tRISE
tFALL
Delay Time vs. Temperature
-40
-20
0
20
40
60
80
50
40
30
20
0
100
10
120
VS = 6V
CLOAD = 1000pF
Input = 0-5V;
TR & TF <10nsec;
@ <20kHz
TEMPERATURE (
°C)
tD2
tD1
tRISE
tFALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com