Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7607BSTZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7607BSTZ
Description  8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7607BSTZ Datasheet(HTML) 3 Page - Analog Devices

  AD7607BSTZ Datasheet HTML 1Page - Analog Devices AD7607BSTZ Datasheet HTML 2Page - Analog Devices AD7607BSTZ Datasheet HTML 3Page - Analog Devices AD7607BSTZ Datasheet HTML 4Page - Analog Devices AD7607BSTZ Datasheet HTML 5Page - Analog Devices AD7607BSTZ Datasheet HTML 6Page - Analog Devices AD7607BSTZ Datasheet HTML 7Page - Analog Devices AD7607BSTZ Datasheet HTML 8Page - Analog Devices AD7607BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
AD7607
Rev. B | Page 3 of 32
GENERAL DESCRIPTION
The AD76071 is a 14-bit, simultaneous sampling, analog-to-
digital data acquisition system (DAS). The part contains analog
input clamp protection; a second-order antialiasing filter; a track-
and-hold amplifier; a 14-bit charge redistribution, successive
approximation analog-to-digital converter (ADC); a flexible
digital filter; a 2.5 V reference and reference buffer; and high
speed serial and parallel interfaces.
The AD7607 operates from a single 5 V supply and can accom-
modate ±10 V and ±5 V true bipolar input signals while sampling
at throughput rates of up to 200 kSPS for all channels. The input
clamp protection circuitry can tolerate voltages of up to ±16.5 V.
The AD7607 has 1 MΩ analog input impedance, regardless of
sampling frequency. The single supply operation, on-chip
filtering, and high input impedance eliminate the need for
driver op amps and external bipolar supplies. The AD7607
antialiasing filter has a 3 dB cutoff frequency of 22 kHz and
provides 40 dB antialias rejection when sampling at 200 kSPS.
The flexible digital filter is pin driven and can be used to
simplify external filtering.
1
Patent pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com