Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7109A Datasheet(PDF) 13 Page - Microchip Technology

Part # TC7109A
Description  12-Bit ?쵡-Compatible Analog-to-Digital Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7109A Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC7109A Datasheet HTML 9Page - Microchip Technology TC7109A Datasheet HTML 10Page - Microchip Technology TC7109A Datasheet HTML 11Page - Microchip Technology TC7109A Datasheet HTML 12Page - Microchip Technology TC7109A Datasheet HTML 13Page - Microchip Technology TC7109A Datasheet HTML 14Page - Microchip Technology TC7109A Datasheet HTML 15Page - Microchip Technology TC7109A Datasheet HTML 16Page - Microchip Technology TC7109A Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2002-2012 Microchip Technology Inc.
DS21456D-page 13
TC7109/A
FIGURE 3-5:
TC7109A RC Oscillator
With OSCILLATOR SELECT input LOW, two on-chip
capacitors and a feedback device are added to the
oscillator. In this configuration, the oscillator will oper-
ate with most crystals in the 1MHz to 5MHz range, with
no external components (Figure ). The OSCILLATOR
SELECT input LOW inserts a fixed 458 divider circuit
between the BUFFERED OSCILLATOR OUTPUT and
the internal clock. A 3.58MHz TV crystal gives a
division ratio, providing an integration time given by:
EQUATION 3-1:
FIGURE 3-6:
Crystal Oscillator
The error is less than 1% from two 60Hz periods, or
33.33msec, which will give better than 40dB, 60Hz
rejection. The converter will operate reliably at conver-
sion rates up to 30 per second, corresponding to a
clock frequency of 245.8kHz.
When the oscillator is to be over driven, the OSCILLA-
TOR OUTPUT should be left open, and the over driving
signal should be applied at the OSCILLATOR INPUT.
The internal clock will be of the same duty cycle, fre-
quency and phase as the input signal. When the
OSCILLATOR SELECT is at GND, the clock will be
1/58 of the input frequency.
FIGURE 3-7:
TC7109A Handshake with Send Input Held Positive
23
OSC
OUT
25
Buffered
OSC OUT
24
OSC
SEL
V+ or Open
22
OSC
IN
R
C
FOSC = 0.45/RC
t = (2048 clock periods)
= 33.18 msec
58
3.58 MHz
23
OSC
OUT
25
Buffered
OSC OUT
24
OSC
SEL
GND
V+
22
OSC
IN
58
Clock
Crystal
÷
= Three-State
High-Impendance
Integrator Output
Data Invalid
Data Valid
Internal Clock
Internal Latch
Status Output
Mode Input
Internal Mode
Send Input
CE/LOAD
HBEN
High Byte Data
LBEN
Low Byte Data
= Don't Care
= Three-State
will Pull-up
UART
Norm
Terminates
UART Mode
Zero Crossing Detected
Zero Crossing Occurs
Send Sensed
Send Sensed
Mode Low, not
in Handshake Mode
Disables Outputs
CE/LOAD,
HBEN,
LBEN
Mode High Activates
CE/LOAD, HBEN, LBEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com