Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7109CLW Datasheet(PDF) 8 Page - Microchip Technology

Part # TC7109CLW
Description  12-Bit ?쵡-Compatible Analog-to-Digital Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7109CLW Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC7109CLW Datasheet HTML 4Page - Microchip Technology TC7109CLW Datasheet HTML 5Page - Microchip Technology TC7109CLW Datasheet HTML 6Page - Microchip Technology TC7109CLW Datasheet HTML 7Page - Microchip Technology TC7109CLW Datasheet HTML 8Page - Microchip Technology TC7109CLW Datasheet HTML 9Page - Microchip Technology TC7109CLW Datasheet HTML 10Page - Microchip Technology TC7109CLW Datasheet HTML 11Page - Microchip Technology TC7109CLW Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TC7109/A
DS21456D-page 8
 2002-2012 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
(All Pin Designations Refer to 40-Pin DIP.)
3.1
Analog Section
The Typical Application diagram on page 3 shows a
block diagram of the analog section of the TC7109A.
The circuit will perform conversions at a rate deter-
mined by the clock frequency (8192 clock periods per
cycle), when the RUN/HOLD input is left open or
connected to V+. Each measurement cycle is divided
into four phases, as shown in Figure 3-1. They are:
(1) Auto-Zero (AZ), (2) Signal Integrate (INT), (3)
Reference De-integrate (DE), and (4) Zero Integrator
(ZI).
3.1.1
AUTO-ZERO PHASE
The buffer and the integrator inputs are disconnected
from input high and input low and connected to analog
common. The reference capacitor is charged to the ref-
erence voltage. A feedback loop is closed around the
system to charge the auto-zero capacitor, CAZ, to com-
pensate for offset voltage in the buffer amplifier, inte-
grator, and comparator. Since the comparator is
included in the loop, the AZ accuracy is limited only by
the noise of the system. The offset referred to the input
is less than 10
V.
3.1.2
SIGNAL INTEGRATE PHASE
The buffer and integrator inputs are removed from com-
mon and connected to input high and input low. The
auto-zero loop is opened. The auto-zero capacitor is
placed in series in the loop to provide an equal and
opposite compensating offset voltage. The differential
voltage between input high and input low is integrated
for a fixed time of 2048 clock periods. At the end of this
phase, the polarity of the integrated signal is
determined. If the input signal has no return to the
converter’s power supply, input low can be tied to
analog common to establish the correct Common
mode voltage.
3.1.3
DE-INTEGRATE PHASE
Input high is connected across the previously charged
reference
capacitor
and
input
low
is
internally
connected to analog common. Circuitry within the chip
ensures the capacitor will be connected with the correct
polarity to cause the integrator output to return to the
zero crossing (established by auto-zero), with a fixed
slope. The time, represented by the number of clock
periods counted for the output to return to zero, is
proportional to the input signal.
3.1.4
ZERO INTEGRATOR PHASE
The ZI phase only occurs when an input over range
condition exists. The function of the ZI phase is to
eliminate residual charge on the integrator capacitor
after an over range measurement. Unless removed,
the residual charge will be transferred to the auto-zero
capacitor and cause an error in the succeeding
conversion.
The ZI phase virtually eliminates hysteresis, or “cross-
talk” in multiplexed systems. An over range input on
one channel will not cause an error on the next channel
measured. This feature is especially useful in thermo-
couple measurements, where unused (or broken
thermocouple) inputs are pulled to the positive supply
rail.
During ZI, the reference capacitor is charged to the ref-
erence voltage. The signal inputs are disconnected
from the buffer and integrator. The comparator output is
connected to the buffer input, causing the integrator
output to be driven rapidly to 0V (Figure 3-1). The ZI
phase only occurs following an over range and lasts for
a maximum of 1024 clock periods.
3.1.5
DIFFERENTIAL INPUT
The TC7109A has been optimized for operation with
analog common near digital ground. With +5V and -5V
power supplies, a full ±4V full scale integrator swing
maximizes the analog section’s performance.
A typical CMRR of 86dB is achieved for input differen-
tial voltages anywhere within the typical Common
mode range of 1V below the positive supply, to 1.5V
above the negative supply. However, for optimum per-
formance, the IN HI and IN LO inputs should not come
within 2V of either supply rail. Since the integrator also
swings with the Common mode voltage, care must be
exercised to ensure the integrator output does not sat-
urate. A worst-case condition is near a full scale nega-
tive differential input voltage with a large positive
Common mode voltage. The negative input signal
drives the integrator positive when most of its swing
has been used up by the positive Common mode volt-
age. In such cases, the integrator swing can be
reduced to less than the recommended ±4V full scale
value, with some loss of accuracy. The integrator
output can swing to within 0.3V of either supply without
loss of linearity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com