Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7129CKW Datasheet(PDF) 1 Page - Microchip Technology

Part # TC7129CKW
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129CKW Datasheet(HTML) 1 Page - Microchip Technology

  TC7129CKW Datasheet HTML 1Page - Microchip Technology TC7129CKW Datasheet HTML 2Page - Microchip Technology TC7129CKW Datasheet HTML 3Page - Microchip Technology TC7129CKW Datasheet HTML 4Page - Microchip Technology TC7129CKW Datasheet HTML 5Page - Microchip Technology TC7129CKW Datasheet HTML 6Page - Microchip Technology TC7129CKW Datasheet HTML 7Page - Microchip Technology TC7129CKW Datasheet HTML 8Page - Microchip Technology TC7129CKW Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
 2002-2012 Microchip Technology Inc.
DS21459E-page 1
TC7129
Features:
• Count Resolution: ±19,999
• Resolution on 200 mV Scale: 10
V
• True Differential Input and Reference
• Low Power Consumption: 500
A at 9V
• Direct LCD Driver for 4-1/2 Digits, Decimal Points,
Low Battery Indicator, and Continuity Indicator
• Overrange and Underrange Outputs
• Range Select Input: 10:1
• High Common Mode Rejection Ratio: 110 dB
• External Phase Compensation Not Required
Applications:
• Full-Featured Multimeters
• Digital Measurement Devices
Device Selection Table
General Description:
The TC7129 is a 4-1/2 digit Analog-to-Digital Converter
(ADC) that directly drives a multiplexed Liquid Crystal
Display (LCD). Fabricated in high-performance, low-
power CMOS, the TC7129 ADC is designed specifi-
cally for high-resolution, battery-powered digital multi-
meter applications. The traditional dual-slope method
of A/D conversion has been enhanced with a succes-
sive integration technique to produce readings accu-
rate to better than 0.005% of full-scale and resolution
down to 10
V per count.
The TC7129 includes features important to multimeter
applications. It detects and indicates low battery condi-
tion. A continuity output drives an annunciator on the
display and can be used with an external driver to sound
an audible alarm. Overrange and underrange outputs,
along with a range-change input, provide the ability to
create auto-ranging instruments. For snapshot read-
ings, the TC7129 includes a latch-and-hold input to
freeze the present reading. This combination of features
makes the TC7129 the ideal choice for full-featured
multimeter and digital measurement applications.
Typical Application
Package
Code
Pin
Layout
Package
Temperature
Range
TC7129CPL
Normal
40-Pin PDIP
0
C to +70C
TC7129CKW
Formed
44-Pin PQFP
0
C to +70C
TC7129CLW
–
44-Pin PLCC
0
C to +70C
TC7129
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
9V
+
+
Low Battery
Continuity
V+
5 pF
120 kHz
10 pF
0.1 µF
20
k
Ω
0.1
µF
100 k
Ω
1 µF
0.1 µF
150 k
Ω
10 k
Ω
V+
VIN
–
+
*
*N
ote: RC network between pins 26 and 28 is not required.
330 k
Ω
4-1/2 Digit Analog-to-Digital Converters with
On-Chip LCD Drivers


Similar Part No. - TC7129CKW

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7129CKW TELCOM-TC7129CKW Datasheet
214Kb / 15P
4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER WITH ON-CHIP LCD DRIVERS
logo
Microchip Technology
TC7129CKW MICROCHIP-TC7129CKW Datasheet
550Kb / 24P
4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2002
TC7129CKW MICROCHIP-TC7129CKW Datasheet
562Kb / 28P
4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2006
TC7129CKW713 MICROCHIP-TC7129CKW713 Datasheet
562Kb / 28P
4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2006
More results

Similar Description - TC7129CKW

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7126 TELCOM-TC7126 Datasheet
198Kb / 13P
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
TC7129 TELCOM-TC7129 Datasheet
214Kb / 15P
4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER WITH ON-CHIP LCD DRIVERS
logo
Microchip Technology
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7129 MICROCHIP-TC7129 Datasheet
550Kb / 24P
4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2002
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7129 MICROCHIP-TC7129_06 Datasheet
562Kb / 28P
4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2006
logo
Texas Instruments
ICL7135C TI-ICL7135C_08 Datasheet
448Kb / 16P
4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
ICL7135C TI1-ICL7135C_16 Datasheet
677Kb / 18P
1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com