Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7650CPA Datasheet(PDF) 7 Page - Microchip Technology

Part # TC7650CPA
Description  Chopper Stabilized Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7650CPA Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC7650CPA Datasheet HTML 3Page - Microchip Technology TC7650CPA Datasheet HTML 4Page - Microchip Technology TC7650CPA Datasheet HTML 5Page - Microchip Technology TC7650CPA Datasheet HTML 6Page - Microchip Technology TC7650CPA Datasheet HTML 7Page - Microchip Technology TC7650CPA Datasheet HTML 8Page - Microchip Technology TC7650CPA Datasheet HTML 9Page - Microchip Technology TC7650CPA Datasheet HTML 10Page - Microchip Technology TC7650CPA Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
 2001-2012 Microchip Technology Inc.
DS21463C-page 7
TC7650
3.9
Pin Compatibility
On the 8-pin mini-DIP TC7650, the external null stor-
age capacitors are connected to pins 1 and 8. On most
other operational amplifiers these are left open or are
used for offset potentiometer or compensation capaci-
tor connections.
For OP05 and OP07 operational amplifiers, the
replacement of the offset null potentiometer between
pins 1 and 8 by two capacitors from the pins to VSS will
convert the OP05/07 pin configurations for TC7650
operation. For LM108 devices, the compensation
capacitor is replaced by the external nulling capacitors.
The LM101/748/709 pinouts are modified similarly by
removing any circuit connections to Pin 5. On the
TC7650, Pin 5 is the output clamp connection.
Other operational amplifiers may use this pin as an off-
set or compensation point.
The minor modifications needed to retrofit a TC7650
into existing sockets operating at reduced power sup-
ply voltages make prototyping and circuit verification
straightforward.
3.10
Input Guarding
High impedance, low leakage CMOS inputs allow the
TC7650 to make measurements of high-impedance
sources. Stray leakage paths can increase input cur-
rents and decrease input resistance unless inputs are
guarded. A guard is a conductive PC trace surrounding
the input terminals. The ring connects to a low imped-
ance point at the same potential as the inputs. Stray
leakages are absorbed by the low impedance ring. The
equal potential between ring and inputs prevents input
leakage currents. Typical guard connections are shown
in Figure 3-6.
The 14-pin DIP configuration has been specifically
designed to ease input guarding. The pins adjacent to
the inputs are unused.
In applications requiring low leakage currents, boards
should be cleaned thoroughly and blown dry after sol-
dering. Protective coatings will prevent future board
contamination.
3.11
Component Selection
The two required capacitors, CA and CB, have optimum
values, depending on the clock or chopping frequency.
For the preset internal clock, the correct value is 0.1
F.
To maintain the same relationship between the chop-
ping frequency and the nulling time constant, the
capacitor values should be scaled in proportion to the
external clock, if used. High quality film type capacitors
(such as Mylar) are preferred; ceramic or other lower
grade capacitors may be suitable in some applications.
For fast settling on initial turn-on, low dielectric absorp-
tion capacitors (such as polypropylene) should be
used. With ceramic capacitors, several seconds may
be required to settle to 1
V.
FIGURE 3-6:
INPUT GUARD CONNECTION
Input
Output
R2
Inverting Amplifier
Input
Output
Follower
Input
Output
R2
R1
Noninverting Amplifier
R3*
R3*
Should Be Low
Impedence For
Optimum Guarding
NOTE: R3 =
R1 R2
R1 + R2
R3*
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com