Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7680BRJZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7680BRJZ-R2
Description  3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680BRJZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD7680BRJZ-R2 Datasheet HTML 1Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 2Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 3Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 4Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 5Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 6Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 7Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 8Page - Analog Devices AD7680BRJZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD7680
Rev. A | Page 5 of 24
Parameter
A Version1
B Version1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
2.5/4.096
2.5/4.096
V min/max
IDD
Digital I/Ps = 0 V or VDD
Normal Mode (Static)
2.8
2.8
mA max
SCLK on or off; VDD = 4.096 V
2
2
mA max
SCLK on or off; VDD = 3.6 V
Normal Mode (Operational)
2.6
2.6
mA max
fSAMPLE = 100 kSPS; VDD = 4.096 V; 1.75 mA typ
1.9
1.9
mA max
fSAMPLE = 100 kSPS; VDD = 3.6 V; 1.29 mA typ
Full Power-Down Mode
0.3
0.3
μA max
SCLK on or off
Power Dissipation4
Normal Mode (Operational)
10.65
10.65
mW max
fSAMPLE = 100 kSPS; VDD = 4.096 V
6.84
6.84
mW max
fSAMPLE = 100 kSPS; VDD = 3.6 V
3
3
mW typ
VDD = 2.5 V
Full Power-Down
1.23
1.23
μW max
VDD = 4.096V
1.08
1.08
μW max
VDD = 3.6 V
1 Temperature range as follows: A, B Versions: −40°C to +85°C.
2 See the Terminology section.
3 Sample tested during initial release to ensure compliance.
4 See the Power vs. Throughput Rate section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com