Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7705 Datasheet(PDF) 39 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD7705_06 Datasheet HTML 35Page - Analog Devices AD7705_06 Datasheet HTML 36Page - Analog Devices AD7705_06 Datasheet HTML 37Page - Analog Devices AD7705_06 Datasheet HTML 38Page - Analog Devices AD7705_06 Datasheet HTML 39Page - Analog Devices AD7705_06 Datasheet HTML 40Page - Analog Devices AD7705_06 Datasheet HTML 41Page - Analog Devices AD7705_06 Datasheet HTML 42Page - Analog Devices AD7705_06 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
AD7705/AD7706
Rev. C | Page 39 of 44
TEMPERATURE MEASUREMENT
Another application of the AD7705 is temperature measure-
ment. Figure 26 outlines a connection between a thermocouple
and the AD7705. For this application, the AD7705 is operated in
buffered mode to allow large decoupling capacitors on the front
end to eliminate any noise pickup from the thermocouple leads.
When the AD7705 operates in buffered mode, it has a reduced
common-mode range. To place the differential voltage from the
thermocouple on a suitable common-mode voltage, the
AIN1(−) input of the AD7705 is biased up at the reference
voltage, 2.5 V.
AD7705
VDD
5V
AIN1(+)
AIN1(–)
THERMOCOUPLE
JUNCTION
REF IN(+)
REF IN(–)
GND
MCLK IN
MCLK OUT
RESET
DRDY
REF192
GND
OUTPUT
DOUT DIN
CS
SCLK
5V
Figure 26. Temperature Measurement Using the AD7705
Figure 27 shows another example of a temperature measure-
ment application for the AD7705. In this case, the transducer is
a resistive temperature device (RTD), a PT100, and the
arrangement is a 4-lead RTD configuration. There are voltage
drops across lead resistances RL1 and RL4, which shift the
common-mode voltage. There is no voltage drop across lead
resistances RL2 and RL3, because the input current to the
AD7705 is very low. The lead resistances present a small source
impedance; therefore, it is not generally necessary to use the
buffer of the AD7705. If the buffer is required, the common-
mode voltage should be set accordingly by inserting a small
resistance between the bottom end of the RTD and the GND
of the AD7705. In the application shown, an external 400 μA
current source provides the excitation current for the PT100
and generates the reference voltage for the AD7705 via the
6.25 kΩ resistor. Variations in the excitation current do not
affect the circuit, because both the input voltage and the
reference voltage vary ratiometrically with the excitation
current. However, the 6.25 kΩ resistor must have a low
temperature coefficient to avoid errors in the reference
voltage over temperature.
AD7705
VDD
5V
AIN1(+)
AIN1(–)
REF IN(–)
GND
MCLK IN
MCLK OUT
RESET
DRDY
DOUT DIN
CS
SCLK
REF IN(+)
6.25k
Ω
400
μA
RL1
RL2
RL3
RL4
RTD
Figure 27. RTD Measurement Using the AD7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com